Electronic Components Datasheet Search
  English  ▼

X  

AS7C4098A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C4098A
Description  5.0 V 256 K 횞 16 CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C4098A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C4098A_06 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C4098A_06 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C4098A_06 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C4098A_06 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C4098A_06 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C4098A_06 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C4098A_06 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C4098A_06 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C4098A_06 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
February 2006
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C4098A
5.0 V 256 K × 16 CMOS SRAM
2/21/06, v 1.2
Alliance Semiconductor
P. 1 of 11
Features
• Pin compatible with AS7C4098
• Industrial and commercial temperature
• Organization: 262,144 words × 16 bits
• Center power and ground pins
• High speed
- 10/12/15/20 ns address access time
- 5/6 ns output enable access time
• Low power consumption: ACTIVE
- 990mW/max @ 10 ns
• Low power consumption: STANDBY
- 55mW/max CMOS
• Individual byte read/write controls
• Easy memory expansion with CE, OE inputs
• TTL- and CMOS-compatible, three-state I/O
• 44-pin JEDEC standard packages
- 400-mil SOJ
- TSOP 2
• ESD protection
≥ 2000 volts
• Latch-up current
≥ 200 mA
Logic block diagram
1024 × 256 × 16
Array
(4,194,304)
OE
CE
WE
Column decoder
A0
A1
A2
A3
A4
A6
A7
A8
VCC
GND
A12
A13
Control circuit
I/O1–I/O8
I/O9–I/O16
UB
LB
I/O
buffer
Pin arrangement for SOJ and TSOP 2
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
I/O14
I/O13
GND
VCC
I/O12
I/O11
I/O10
I/O9
NC
A14
A13
A12
A11
A10
A4
CE
I/O1
I/O2
I/O3
I/O4
VCC
GND
I/O5
I/O6
I/O7
I/O8
WE
A5
A6
A7
TSOP2
21
22
A8
A9
UB
LB
I/O16
I/O15
2
A1
3
A2
4
A3
1
A0
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
43
42
41
44
A16
A15
OE
A17
44-pin (400 mil) SOJ
Selection guide
–10
–12
–15
–20
Unit
Maximum address access time
10
12
15
20
ns
Maximum output enable access time
5
6
6
6
ns
Maximum operating current
180
160
140
120
mA
Maximum CMOS standby current
10
10
10
10
mA


Similar Part No. - AS7C4098A_06

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C4098A ALSC-AS7C4098A Datasheet
524Kb / 19P
2.5V 512K x 32/36 flowthrough burst synchronous SRAM
More results

Similar Description - AS7C4098A_06

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
3.3 V 256 K x 16 CMOS SRAM
logo
Renesas Technology Corp
R1LV0416D RENESAS-R1LV0416D Datasheet
529Kb / 17P
4M SRAM (256-kword 횞 16-bit)
R1LV0414D RENESAS-R1LV0414D Datasheet
478Kb / 14P
4M SRAM (256-kword 횞 16-bit)
logo
Cypress Semiconductor
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14E256LA CYPRESS-CY14E256LA_11 Datasheet
730Kb / 19P
256-Kbit (32 K 횞 8) Nonvolatile SRAM
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY7C1360C CYPRESS-CY7C1360C_12 Datasheet
1Mb / 37P
9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
logo
Renesas Technology Corp
R1LV0416DSB-5SIS0 RENESAS-R1LV0416DSB-5SIS0 Datasheet
236Kb / 19P
4M SRAM (256-kword 횞 16-bit)
logo
fujitsu semiconductor
MB85R4M2TFN-G FUJITSU-MB85R4M2TFN-G Datasheet
720Kb / 23P
4 M (256 K 횞 16) Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com