Electronic Components Datasheet Search
  English  ▼

X  

AS7C4098A Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C4098A
Description  5.0 V 256 K 횞 16 CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C4098A Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C4098A_06 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C4098A_06 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C4098A_06 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C4098A_06 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C4098A_06 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C4098A_06 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C4098A_06 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C4098A_06 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C4098A_06 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
®
AS7C4098A
2/21/06, v 1.2
Alliance Semiconductor
P. 3 of 11
*V
IH max = VCC + 1.5V for pulse width less than 5 nS.
**V
IL min = –1.0V for pulse width less than 5 nS.
Recommended operating conditions
Parameter
Symbol
Min
Typical
Max
Unit
Supply voltage
VCC (10/12/15/20)
4.5
5.0
5.5
V
Input voltage
VIH*
2.2
–
VCC + 0.5
V
VIL**
–0.5
–
0.8
V
Ambient operating temperature
commercial
TA
0–
70
°C
industrial
TA
–40
–
85
°C
DC operating characteristics (over the operating range)1
Parameter Symbol
Test conditions
–10
–12
–15
–20
Unit Notes
Min Max Min Max Min Max Min Max
Input leakage
current
|ILI|
VCC = Max
VIN = GND to VCC
–
1
–
1
–1
–1
µA
Output
leakage
current
|ILO|
VCC = Max
CE = VIH or OE = VIH
or WE = VIL
VI/O = GND to VCC
–
1
–
1
–1
–1
µA
Operating
power supply
current
ICC
VCC = Max
CE < VIL, f = fmax, IOUT = 0 mA
-
180
-
160
-
140
-
120 mA
Standby
power supply
current
ISB
VCC = Max
CE > VIH, f = Max
-60
-
55
-
50
-
45
mA
ISB1
VCC = Max
CE
≥ VCC – 0.2V, VIN ≥ VCC
– 0.2V or VIN ≤ 0.2V, f = 0
-10
-
10
-
10
-
10
mA
Output
voltage
VOL
IOL = 6 mA, VCC = Min
–
0.4
–
0.4
–
0.4
–
0.4
V4
IOL = 8 mA, VCC = Min
–
0.5
–
0.5
–
0.5
–
0.5
VOH
IOH = –4 mA, VCC = Min
2.4
–
2.4
–
2.4
–
2.4
–
V
4
Capacitance (f = 1MHz, Ta = 25° C, VCC = NOMINAL)4
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE, WE, OE, UB, LB
VIN = 0V
6
pF
I/O capacitance
CI/O
I/O
VIN = VOUT = 0V
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com