Electronic Components Datasheet Search
  English  ▼

X  

AS7C31025C Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C31025C
Description  3.3V 128K X 8 CMOS SRAM (Center power and ground)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31025C Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C31025C Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31025C Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31025C Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31025C Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31025C Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31025C Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31025C Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31025C Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31025C Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AS7C31025C
9/20/06, v. 1.0
Alliance Memory
P. 2 of 9
®
Functional description
The AS7C31025C is 3V a high-performance CMOS 1,048,576-bit Static Random Access Memory (SRAM) device organized as 131,072 x
8 bits. It is designed for memory applications where fast data access, low power, and simple interfacing are desired.
Equal address access and cycle times (tAA, tRC, tWC) of 10 ns with output enable access times (tOE) of 5 ns are ideal for high-performance
applications. The chip enable input CE permits easy memory and expansion with multiple-bank memory systems.
When CE is high the device enters standby mode. A write cycle is accomplished by asserting write enable (WE) and chip enable (CE). Data
on the input pins I/O0 through I/O7 is written on the rising edge of WE (write cycle 1) or CE (write cycle 2). To avoid bus contention,
external devices should drive I/O pins only after outputs have been disabled with output enable (OE) or write enable (WE).
A read cycle is accomplished by asserting output enable (OE) and chip enable (CE), with write enable (WE) high. The chip drives I/O pins
with the data word referenced by the input address. When either chip enable or output enable is inactive or write enable is active, output
drivers stay in high-impedance mode.
All chip inputs and outputs are TTL-compatible, and operation is from a single 3.3 V supply. The AS7C31025C is packaged in common
industry standard packages.
Absolute maximum ratings
NOTE: Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and func-
tional operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect reliability.
Truth table
Key: X = don’t care, L = low, H = high.
Parameter
Symbol
Min
Max
Unit
Voltage on VCC relative to GND
Vt1
–0.50
+4.6
V
Voltage on any pin relative to GND
Vt2
–0.50
VCC + 0.5
V
Power dissipation
PD
–1.25
W
Storage temperature (plastic)
Tstg
–55
+125
o C
Ambient temperature with VCC applied
Tbias
–55
+125
o C
DC current into outputs (low)
IOUT
–50
mA
CE
WE
OE
Data
Mode
H
X
X
High Z
Standby (ISB, ISB1)
L
H
H
High Z
Output disable (ICC)
LHL
DOUT
Read (ICC)
LL
X
DIN
Write (ICC)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com