Electronic Components Datasheet Search
  English  ▼

X  

AS7C31025C Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C31025C
Description  3.3V 128K X 8 CMOS SRAM (Center power and ground)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31025C Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C31025C Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31025C Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31025C Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31025C Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31025C Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31025C Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31025C Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31025C Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31025C Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
September 2006
Advance Information
Copyright © Alliance Memory. All rights reserved.
AS7C31025C
3.3V 128K X 8 CMOS SRAM (Center power and ground)
9/20/06, v. 1.0
Alliance Memory
P. 1 of 9
®
Features
• Industrial and commercial temperatures
• Organization: 131,072 x 8 bits
• High speed
- 10 ns address access time
- 5 ns output enable access time
• Low power consumption via ship deselect
• Easy memory expansion with CE, OE inputs
• Center power and ground
• TTL/LVTTL-compatible, three-state I/O
• JEDEC-standard packages
- 32-pin, 300 mil SOJ
- 32-pin, 400 mil SOJ
- 32-pin, TSOP 2
• ESD protection
≥ 2000 volts
Logic block diagram
131,072 x 8
Array
(1,048,576)
Input buffer
I/O0
I/O7
OE
CE
WE
Address decoder
Control
circuit
A0
A1
A2
A3
A4
A5
A6
A7
VCC
GND
A8
Pin arrangement
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A16
A15
A14
A13
OE
I/O7
I/O6
GND
VCC
I/O5
I/O4
A12
A11
A10
A9
A8
A0
A1
A2
A3
CE
I/O0
I/O1
VCC
GND
I/O2
I/O3
WE
A4
A5
A6
A7
32-pin SOJ (300 mil)
32-pin SOJ (400 mil)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A0
A1
A2
A3
CE
I/O0
I/O1
VCC
GND
I/O2
I/O3
WE
A16
A15
A14
A13
OE
I/O7
I/O6
GND
VCC
I/O5
I/O4
A9
A8
A4
A5
A6
A7
A12
A11
A10
32-pin TSOP 2


Similar Part No. - AS7C31025C

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31025 ALSC-AS7C31025 Datasheet
196Kb / 9P
5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12JC ALSC-AS7C31025-12JC Datasheet
196Kb / 9P
5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12JI ALSC-AS7C31025-12JI Datasheet
196Kb / 9P
5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12TC ALSC-AS7C31025-12TC Datasheet
196Kb / 9P
5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12TI ALSC-AS7C31025-12TI Datasheet
196Kb / 9P
5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
More results

Similar Description - AS7C31025C

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP61L1008 AMICC-LP61L1008 Datasheet
142Kb / 13P
128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
LP61L1008A AMICC-LP61L1008A Datasheet
118Kb / 11P
128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
logo
Integrated Device Techn...
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
logo
Alliance Semiconductor ...
AS7C1025B ALSC-AS7C1025B Datasheet
103Kb / 9P
5V 128K X 8 CMOS SRAM (Center power and ground)
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
3.3V 128K X 8 CMOS SRAM
AS7C31025B ALSC-AS7C31025B Datasheet
99Kb / 9P
3.3V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1025C ALSC-AS7C1025C Datasheet
112Kb / 9P
5V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1029 ALSC-AS7C1029 Datasheet
112Kb / 9P
5V 256K X 4 CMOS SRAM (Center power and ground)
logo
Integrated Device Techn...
IDT71V124SA IDT-IDT71V124SA_14 Datasheet
68Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power and Ground Pinout
logo
Renesas Technology Corp
71V124SA RENESAS-71V124SA Datasheet
192Kb / 9P
3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com