Electronic Components Datasheet Search
  English  ▼

X  

AS7C31026C Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C31026C
Description  3.3 V 64K X 16 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31026C Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C31026C Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31026C Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31026C Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31026C Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31026C Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31026C Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31026C Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31026C Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31026C Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AS7C31026C
9/20/06, v 1.0
Alliance Memory
P. 5 of 10
®
Write waveform 1 (WE controlled)10,11
Write cycle (over the operating range) 11
Parameter
Symbol
AS7C31026C-10
Unit
Notes
Min
Max
Write cycle time
tWC
10
–
ns
Chip enable (CE) to write end
tCW
7–
ns
Address setup to write end
tAW
7–
ns
Address setup time
tAS
0–
ns
Write pulse width
tWP
7–
ns
Write recovery time
tWR
0–
ns
Address hold from end of write
tAH
0–
ns
Data valid to write end
tDW
5–
ns
Data hold time
tDH
0–
ns
5
Write enable to output in high Z
tWZ
–
5
ns
4, 5
Output active from write end
tOW
3
–
ns
4, 5
Byte select low to end of write
tBW
7–
ns
Address
CE
LB, UB
WE
DataIN
DataOUT
tWC
tCW
tBW
tAW
tAS
tWP
tDW
tDH
tOW
tWZ
tWR
Data undefined
high Z
Data valid
tAH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com