Electronic Components Datasheet Search
  English  ▼

X  

AS7C31026C Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS7C31026C
Description  3.3 V 64K X 16 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31026C Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS7C31026C Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31026C Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31026C Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31026C Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31026C Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31026C Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31026C Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31026C Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C31026C Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AS7C31026C
9/20/06, v 1.0
Alliance Memory
P. 8 of 10
®
Notes
1
Bump counts: 48 (8 row x 6 column).
2
Pitch: (x,y) = 0.75 mm x 0.75 mm (typ).
3
Units: millimeters.
4
All tolerance are +/- 0.050 unless otherwise specified.
5
Typ: typical.
6
Y is coplanarity: 0.010 (max).
7
“A1” ID corner must be identified by chamfer, ink mark,
metallized marking, indentation or other feature on the pack-
age body.
8
If “A1” ID corner is on the package body, it must be located
within the zone indicated.
Minimum
Typical
Maximum
A
–0.75–
B
6.00 BSC
B1
–3.75–
C
8.00 BSC
C1
–5.25–
D
0.25
0.30
0.40
E
0.14
1.24
1..34
E1
–0.68–
E2
0.15
0.20
0.25
Y
–
–
0.010
48-ball BGA
Bottom View
6
543
2
1
Ball A1
C1
A
B
C
D
F
G
H
J
A
B1
Side View
Top View
Ball #A1 index (see note 7)
C
SRAM DIE
B
Detail View
A
Y
Die
0.3/T
μp
E2
E
Die
D
E1
E2
E
*pin 1 indicator will show as
engraved circle and/or Inc. trade mark
B/4
C/4
(see note 8)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com