Electronic Components Datasheet Search
  English  ▼

X  

PVR33NPBF Datasheet(PDF) 3 Page - International Rectifier

Part # PVR33NPBF
Description  HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVR33NPBF Datasheet(HTML) 3 Page - International Rectifier

  PVR33NPBF Datasheet HTML 1Page - International Rectifier PVR33NPBF Datasheet HTML 2Page - International Rectifier PVR33NPBF Datasheet HTML 3Page - International Rectifier PVR33NPBF Datasheet HTML 4Page - International Rectifier PVR33NPBF Datasheet HTML 5Page - International Rectifier PVR33NPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series PVR33N & PbF
www.irf.com
3
Figure 4. Typical On-Characteristic C Connection
VDD (Volts)
Figure 1. Current Derating Curve
Ambient Temperature (°C)
Figure 2. Typical On-Resistance
5 mA Control
lD = 50 mA
Figure 3. Typical On-Characteristic A Connection
Pulsed, 25ºC
A Connection
I LED = 5mA, Forced Air
VDD (Volts)
Pulsed, 25ºC
I LED = 5mA, Forced Air
C Connection
300
250
200
150
100
50
0
Ambient Temperature (°C)
0
0
0
0
0
0
0
0
0
B C o nne ction
C Connection
A Connection
ILED = 5mA
400
350
300
250
200
150
100
50
0
0
20
40
60
80
100
700
600
500
400
300
200
100
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
25oC
40oC
60oC
85oC
25oC
40oC
60oC
85oC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com