Electronic Components Datasheet Search
  English  ▼

X  

PVR33NPBF Datasheet(PDF) 1 Page - International Rectifier

Part # PVR33NPBF
Description  HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVR33NPBF Datasheet(HTML) 1 Page - International Rectifier

  PVR33NPBF Datasheet HTML 1Page - International Rectifier PVR33NPBF Datasheet HTML 2Page - International Rectifier PVR33NPBF Datasheet HTML 3Page - International Rectifier PVR33NPBF Datasheet HTML 4Page - International Rectifier PVR33NPBF Datasheet HTML 5Page - International Rectifier PVR33NPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet No. PD10056 revE
Series PVR33N & PbF
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Dual-Pole, Normally-Open
0-300V AC/DC, 165mA
General Description
The PVR33 Series AC/DC Relay is a dual-pole,
normally open, solid-state replacement for
electromechanical relays used for general purpose
switching of analog signals. It utilizes International
Rectifier’s HEXFET power MOSFETs as the output
switches, driven by an integrated circuit photovoltaic
generator of novel construction. The output switch is
controlled by radiation from a GaAlAs light emitting diode
(LED), which is optically isolated from the photovoltaic
generator.
The PVR33 Series overcomes the limitations of both
conventional electromechanical and reed relays by
offering the solid state advantages of long life, fast
operating speed, low pick up power, bounce-free
operation, low thermal offset voltages and miniature
package. These advantages allow product improvement
and design innovations in many applications such as
process control, multiplexing, automatic test equipment
and data acquisition.
The PVR33 can switch analog signals from
thermocouple level to 300 Volts peak AC or DC polarity.
Signal frequencies into the RF range are easily
controlled and switching rates up to 350Hz are
achievable. The extremely small thermally generated
offset voltages allow increased measurement
accuracies.
These relays are packaged in 16-pin, molded DIP
packages and available with thru-hole leads, in
plastic shipping tubes.
Features
!
Bounce-Free Operation
!
1010 Off-State Resistance
!
1,000 V/
µsec dv/dt
!
0.2
µV Thermal Offset
!
5 mA Input Sensitivity
!
1,500 V
RMS I/O Isolation
!
Solid-State Reliability
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Applications
!
Process Control
!
Data Acquisition
!
Test Equipment
!
Multiplexing and Scanning
Part Identification
PVR2300N & PbF
PVR3300N & PbF
PVR3301N & PbF
www.irf.com
1


Similar Part No. - PVR33NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVR33 IRF-PVR33 Datasheet
83Kb / 6P
Microelectronic Power IC
PVR3300 IRF-PVR3300 Datasheet
83Kb / 6P
Microelectronic Power IC
PVR3301 IRF-PVR3301 Datasheet
83Kb / 6P
Microelectronic Power IC
More results

Similar Description - PVR33NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA3354NPBF IRF-PVA3354NPBF Datasheet
1Mb / 6P
Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA3055NSPBF IRF-PVA3055NSPBF Datasheet
1,001Kb / 6P
Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVA13NPBF IRF-PVA13NPBF Datasheet
1,011Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVT212PBF IRF-PVT212PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-150V, 550mA AC / 825mA DC
PVT322PBF IRF-PVT322PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual Pole, Normally Open 0-250V, 170mA AC/DC
PVT412APBF IRF-PVT412APBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 240mA AC / 360mA DC
PVT412PBF IRF-PVT412PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVT422PBF IRF-PVT422PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVU414PBF IRF-PVU414PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com