Electronic Components Datasheet Search
  English  ▼

X  

CP2103 Datasheet(PDF) 16 Page - Silicon Laboratories

Part # CP2103
Description  SINGLE-CHIP USB TO UART BRIDGE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2103 Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button CP2103 Datasheet HTML 12Page - Silicon Laboratories CP2103 Datasheet HTML 13Page - Silicon Laboratories CP2103 Datasheet HTML 14Page - Silicon Laboratories CP2103 Datasheet HTML 15Page - Silicon Laboratories CP2103 Datasheet HTML 16Page - Silicon Laboratories CP2103 Datasheet HTML 17Page - Silicon Laboratories CP2103 Datasheet HTML 18Page - Silicon Laboratories CP2103 Datasheet HTML 19Page - Silicon Laboratories CP2103 Datasheet HTML 20Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
CP2103
16
Preliminary Rev. 0.3
Figure 8. Configuration 2: USB Self-Powered
Figure 9. Configuration 3: USB Self-Powered, Regulator Bypassed
Voltage Regulator (REG0)
5 V In
3 V Out
VBUS Sense
REGIN
VBUS
To 3V
Power Net
Device
Power Net
VDD
CP2103
From 5 V
Power Net
From VBUS
Voltage Regulator (REG0)
5 V In
3 V Out
VBUS Sense
REGIN
VBUS
From 3 V
Power Net
Device
Power Net
VDD
CP2103
From VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com