Electronic Components Datasheet Search
  English  ▼

X  

CP2103 Datasheet(PDF) 18 Page - Silicon Laboratories

Part # CP2103
Description  SINGLE-CHIP USB TO UART BRIDGE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2103 Datasheet(HTML) 18 Page - Silicon Laboratories

Back Button CP2103 Datasheet HTML 12Page - Silicon Laboratories CP2103 Datasheet HTML 13Page - Silicon Laboratories CP2103 Datasheet HTML 14Page - Silicon Laboratories CP2103 Datasheet HTML 15Page - Silicon Laboratories CP2103 Datasheet HTML 16Page - Silicon Laboratories CP2103 Datasheet HTML 17Page - Silicon Laboratories CP2103 Datasheet HTML 18Page - Silicon Laboratories CP2103 Datasheet HTML 19Page - Silicon Laboratories CP2103 Datasheet HTML 20Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
CP2103
18
Preliminary Rev. 0.3
DOCUMENT CHANGE LIST
Revision 0.1 to Revision 0.2
Updated “Linux 2.40” bullet on page 1.
Revision 0.2 to Revision 0.3
Added additional supported operating systems on page 1.
Changed VDD conditions of Tables 2 and 3 from a minimum of 2.7 to 3.0 V.
Updated typical and max Supply current numbers in Table 2.
Updated package drawings in Figure 3, Figure 4, and Figure 5.
Removed tantalum requirement in Figure 6.
Consolidate Sections 9 and 10.
Added Section "11. Relevant Application Notes" on page 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com