Electronic Components Datasheet Search
  English  ▼

X  

SI3241 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI3241
Description  Quad ProSLIC짰 Programmable CMOS SLIC/Codec
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3241 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI3241 Datasheet HTML 1Page - Silicon Laboratories SI3241 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ProSLIC
Copyright © 2007 by Silicon Laboratories
7.17.07
TIP
TIP
RING
RING
TIP
TIP
TIP
TIP
RING
RING
RING
RING
RING
RING
RING
RING
TIP
TIP
ADC
DAC
CODEC
ADC
DAC
CODEC
ADC
DAC
CODEC
ADC
DAC
CODEC
SLIC
Linefeed
Control
Linefeed
Monitor
SLIC
Linefeed
Control
Linefeed
Monitor
ADC
DAC
CODEC
ADC
DAC
CODEC
ADC
DAC
CODEC
ADC
DAC
CODEC
SLIC
Linefeed
Control
Linefeed
Monitor
SLIC
Linefeed
Control
Linefeed
Monitor
SLIC
Linefeed
Control
Linefeed
Monitor
SLIC
Linefeed
Control
Linefeed
Monitor
SLIC
Linefeed
Control
Linefeed
Monitor
SLIC
Linefeed
Control
Linefeed
Monitor
Channel 1
Channel 2
Channel 3
Channel 4
DSP
SPI
PCM/GCI
DTMF &
Tone Gen
Caller ID
Ringing
Generator
Line
Diagnostics
Si3241/Si3206/Si3203
Quad ProSLIC® Programmable CMOS SLIC/Codec
Description
The Quad ProSLIC® is a series of low-voltage CMOS
devices that integrate both SLIC and codec
functionality into a single IC to provide a complete
four-channel
analog
telephone
interface
in
accordance with all relevant Telcordia, ITU, and ETSI
specifications. The Si3241 includes internal ringing
generation to eliminate centralized ringers and
ringing relays. On-chip subscriber loop and audio
testing allows remote diagnostics and fault detection
with no external test equipment or relays. The Quad
ProSLIC devices operate from a single 3.3 V supply
and interface to standard PCM/SPI or GCI bus digital
interfaces. The Si3206/3 linefeed interface IC
performs all high-voltage functions and operates
from a 3.3 V supply as well as three battery supplies
up to –135/–110 V. The Quad ProSLIC devices are
available in a 100-pin thin quad flat package (TQFP),
and the Si3206/3 is available in a thermally-
enhanced 48-pin thin quad flat package (TQFP) or
40-pin quad flat no-lead (QFN) package.
Features
- Performs all BORSCHT functions
- Ideal for applications up to 20 kft (6 km)
- Internal adaptive balanced ringing to
–135 VPK (Si3206) and –110 VPK (Si3203)
- Internal unbalanced ringing
- Power offloading
- Low power consumption
- 2.5 Vrms pulse metering (12/16 kHz)
- Software programmable parameters:
- Ringing frequency, amplitude, cadence, and wave-
shape
- Two-wire ac impedance
- Transhybrid balance
- DC current loop feed (10–50 mA)
- Loop closure and ring trip thresholds
- Ground key detect threshold
- Power alarms
- Automatic switching of up to three battery supplies
- On-hook transmission
- Loop or ground start operation
- Smooth polarity reversal
- DTMF decoder
- Dual tone generators
- Caller ID generator
- A-Law/µ-Law companding, linear PCM
- PCM and SPI bus digital interfaces with program-
mable interrupts
- GCI/IOM-2 mode support
- 3.3 V operation
- GR-909/844 loop diagnostics
- Audio diagnostics with loopback
- Pb-free/RoHS compliant packages
Applications
- Digital loop carrier (DLC) line cards
- Central office (CO) line cards
- Integrated voice and data (IVD) line cards
- Private Branch Exchange (PBX) systems
- Key telephone systems
- Optical networking terminals (ONT)
- VoIP Gateways


Similar Part No. - SI3241

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3240C ETC-SI3240C Datasheet
94Kb / 7P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Silicon Laboratories
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
Quad ProSLIC짰 Programmable CMOS SLIC/Codec
More results

Similar Description - SI3241

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
Programmable CODEC SLIC Advance Information
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Winbond
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
Single Programmable Extended CODEC/SLIC
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
Dual Programmable Extended CODEC/SLIC
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com