Electronic Components Datasheet Search
  English  ▼

X  

SI3241 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI3241
Description  Quad ProSLIC짰 Programmable CMOS SLIC/Codec
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3241 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI3241 Datasheet HTML 1Page - Silicon Laboratories SI3241 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ProSLIC
Copyright © 2007 by Silicon Laboratories
7.17.07
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
Si3241/Si3206/Si3203
Quad ProSLIC® Programmable CMOS SLIC/Codec
Parameter
Symbol
Test Condition
Min
Typical
Max
Unit
Ambient Temperature
TA
F-Grade
0
25
70
°C
G-Grade
–40
25
85
°C
Supply Voltage, Si324x
VDD
3.13
3.3
3.47
V
Supply Voltage, Si3206/3
VDD
3.13
3.3
3.47
V
High Battery Voltage, Si3206/3
VBATH
–9
–135/–110
V
Low Battery Voltage
VBATL
–9
VBATH
V
Maximum Loop Resistance
(loop + load)
RLOOP
ILOOP=18 mA, VBAT = –48 V
2000
Ω
DC Differential Output
Resistance
RDO
ILOOP < ILIM
160
640
Ω
Idle Channel Noise
C-Message weighted
8
10
dBrnC
PSRR from VDD
RX and TX, dc to 3.4 kHz
40
dB
Longitudinal to Metallic/PCM
Balance (forward or reverse)
200 Hz to 1 kHz
58
63
dB
1 kHz to 3.4 kHz
53
58
dB
Metallic/PCM to Longitudinal Balance
200 Hz to 3.4 kHz
40
dB
Longitudinal Impedance
200 Hz to 3.4 kHz at
TIP or RING
50
Ω
Longitudinal Current per Pin
Active off-hook
200 Hz to 3.4 kHz
30
mApk
DC Current
VTR = 0 V
50
mA
2-Wire Return Loss
200 Hz to 3.4 kHz
26
30
dB
Transhybrid Balance
300 Hz to 3.4 kHz
26
30
dB
Thermal Resistance, (eTQFP-100)
θJA
25
°C/W
Continuous Power Dissipation,
(eTQFP-100)
PD
TA = 85 °C
1.6
W
Thermal Resistance (QFN-40)
θJA
32
°C/W
Continuous Power Dissipation
(QFN-40)
PD
TA = 85 °C
1.7
W
Selected Electrical Specifications
Package Information
40-Pin QFN
100-Pin ETQFP
100
e
A1
b
A2
A
PIN 1
DESIGNATOR
1
E1
E
D1
D
L
MM
Min
Typ
Max
A
A1
A2
b
D
D1
e
E
E1
1.20
0.05
0.15
0.95
1.05
0.17 0.22 0.27
16.00
14.00
0.50
16.00
14.00
Bottom Side
Exposed Pad
5.0 x 5.0 mm
6.00 BSC
0.50 BSC
MM
Min
Typ
Max
A
A1
b
D2
e
E
E2
L
0.80 0.90 1.00
0.00 0.02 0.05
0.18 0.25 0.30
6.00 BSC
4.10 4.30 4.40
4.10 4.30 4.40
0.30 0.40 0.50
D
L1
0.03 0.05 0.08
aaa
0.10
bbb
0.10
ccc
0.08
ddd
0.10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com