Electronic Components Datasheet Search
  English  ▼

X  

LT3074AVPBF Datasheet(PDF) 50 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 50 Page - Analog Devices

Back Button LT3074AVPBF Datasheet HTML 46Page - Analog Devices LT3074AVPBF Datasheet HTML 47Page - Analog Devices LT3074AVPBF Datasheet HTML 48Page - Analog Devices LT3074AVPBF Datasheet HTML 49Page - Analog Devices LT3074AVPBF Datasheet HTML 50Page - Analog Devices LT3074AVPBF Datasheet HTML 51Page - Analog Devices LT3074AVPBF Datasheet HTML 52Page - Analog Devices LT3074AVPBF Datasheet HTML 53Page - Analog Devices LT3074AVPBF Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
50 of 62
Sets the NONE_OF_THE_ABOVE bit in STATUS_BYTE register.
Sets the INPUT bit in the STATUS_WORD register.
Sets the VIN_UV_WARNING bit in the STATUS_INPUT register.
Notifies the host by asserting the ALERT pin.
This command has two data bytes and is formatted in the Linear_5s_11s format.
STATUS_BYTE
The STATUS_BYTE command returns a one-byte summary of the most critical faults.
Table 15. STATUS_BYTE Bit Field Descriptions
Bit
Access Mode
Bit Name
Description
7
Read Only
BUSY
Not supported (returns 0)
6
Read Only
OFF
This bit is set if the LT3074 is not providing power to the
output, regardless of the reason, including simply not
being turned on.
5
Read Only
VOUT_OV
Not supported (returns 0)
4
Read Only 1
IOUT_OC
An output over current fault occurred.
3
Read Only
VIN_UV
Not supported (returns 0)
2
Read Only 2
TEMPERATURE
A temperature fault occurred.
1
Read Only 3
CML
A communication fault occurred.
0
Read Only
NONE OF THE ABOVE A fault not listed by bits [7:1] occurred.
1
Bit is cleared by clearing the IOUT_OC fault bit in the STATUS_IOUT register.
2
Bit is cleared by clearing all bits in the STATUS_TEMPERATURE register.
3
Bit is cleared by clearing all bits in the STATUS_CML register.
This command has one data byte.
STATUS_WORD
The STATUS_WORD command returns a two-byte summary of the device’s fault condition. The low byte of the
STATUS_WORD command is the same as STATUS_BYTE command. This command has two data bytes.
Table 16. STATUS_WORD High Byte Bit Field Descriptions
Bit
Access Mode
Bit Name
Description
15
Read Only 1
VOUT
An output voltage fault or waning occurred.
14
Read Only 2
IOUT
An output current fault or warning occurred.
13
Read Only 3
INPUT
An input voltage warning occurred.
12
Read Only 4
MFR_SPECIFIC
A warning specific to the LT3074 occurred.
11
Read Only
POWER_GOOD#
Not supported (returns 0)
10
Read Only
FANS
Not supported (returns 0)
9
Read Only
OTHER
Not supported (returns 0)
8
Read Only
UNKNOWN
Not supported (returns 0)
1
Bit is cleared by clearing all bits in the STATUS_VOUT register.
2
Bit is cleared by clearing all bits in the STATUS_IOUT register.
3
Bit is cleared by clearing all bits in the STATUS_INPUT register.
4
Bit is cleared by clearing all bits in the STATUS_MFR_SPECIFIC register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com