Electronic Components Datasheet Search
  English  ▼

X  

LT3074AVPBF Datasheet(PDF) 6 Page - Analog Devices

Part # LT3074AVPBF
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3074AVPBF Datasheet(HTML) 6 Page - Analog Devices

Back Button LT3074AVPBF Datasheet HTML 2Page - Analog Devices LT3074AVPBF Datasheet HTML 3Page - Analog Devices LT3074AVPBF Datasheet HTML 4Page - Analog Devices LT3074AVPBF Datasheet HTML 5Page - Analog Devices LT3074AVPBF Datasheet HTML 6Page - Analog Devices LT3074AVPBF Datasheet HTML 7Page - Analog Devices LT3074AVPBF Datasheet HTML 8Page - Analog Devices LT3074AVPBF Datasheet HTML 9Page - Analog Devices LT3074AVPBF Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
6 of 62
(All typical specifications are at TJ(junction temperature). = 25°C and all min. and max. specifications are across
the entire operating temperature range, unless otherwise noted. COUT = 22µF, CSETCAP = 4.7µF, CBIASAF = 2.2µF,
and CBIASDF = 0.47µF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Input-to-Output
Differential Voltage
Control 5
VIOCVOS
VIOC Amplifier Offset
790
800
810
mV
VIOCISOURCE
VIOC Pin Source Current: VBIAS > VIOC
+ 1V
200
µA
VIOCISINK
VIOC Pin Sink Current: VBIAS > VIOC +
1V
20
EN Pin Threshold
ENVTHR
EN Trip Point Rising, VBIAS = 2.375V
1.20
1.26
1.32
V
ENVTHF
EN Trip Point Hysteresis, VBIAS =
2.375V
80
mV
EN Pin Current
IEN
0V ≤ VEN ≤ 5.5V, VBIAS = 5.5V
5
µA
VEN = 5.5V, VBIAS = 0V
10
20
ASEL Pin Leakage
Current
IASEL
0V ≤ VASEL ≤ 5.5V, VBIAS = 0V
1
µA
BIAS Ripple Rejection
PSRRBIAS
VBIAS = 5V (Avg.),
VIN = 1.3V,
VSETRES = VOUT =
1.0V
VRIPPLE = 500mVP-P,
fRIPPLE = 120Hz,
IOUT = 3A
114
dB
VRIPPLE = 500mVP-P,
fRIPPLE = 1MHz, IOUT
= 3A
67
IN Ripple Rejection
PSRRIN
VBIAS = 5V, VIN =
1.3V (Avg.),
VSETRES = VOUT =
1.0V
VRIPPLE = 50mVP-P,
fRIPPLE = 120Hz,
IOUT = 3A
90
dB
VRIPPLE = 50mVP-P,
fRIPPLE = 1MHz, IOUT
= 3A
52
Output RMS Noise 6
VRMS(OUT)
VOUT = 1V, IOUT =
3A, VIN = 1.3V,
VBIAS = 3.3V, COUT =
22µF
BW = 10Hz to
100kHz, CSETCAP =
0.47µF
1.6
µVRMS
BW = 10Hz to
100kHz, CSETCAP =
4.7µF
1.2
Output Noise Spectral
Density 6
Vn(OUT)
VOUT = 1V, IOUT =
3A, VIN = 1.3V,
VBIAS = 3.3V,
CSETCAP = 0.47µF
Frequency =
0.1Hz
2.4
µV/√Hz
Frequency = 10Hz
650
nV/√Hz
Frequency =
10kHz
3.5
Frequency =
100kHz
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com