Electronic Components Datasheet Search
  English  ▼

X  

PT2256L Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2256L
Description  Electronic Volume Controller IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2256L Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2256L Datasheet HTML 1Page - Princeton Technology Corp PT2256L Datasheet HTML 2Page - Princeton Technology Corp PT2256L Datasheet HTML 3Page - Princeton Technology Corp PT2256L Datasheet HTML 4Page - Princeton Technology Corp PT2256L Datasheet HTML 5Page - Princeton Technology Corp PT2256L Datasheet HTML 6Page - Princeton Technology Corp PT2256L Datasheet HTML 7Page - Princeton Technology Corp PT2256L Datasheet HTML 8Page - Princeton Technology Corp PT2256L Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2256 V1.7
- 4 -
August, 2006
Electronic Volume Controller IC
PT2256
PIN DESCRIPTION
Pin Number
I/O
Description
Pin No.
VSS
-
Negative power supply
1
OUT1
O
Volume output pin 1
2
IN1
I
Volume input pin 1
3
LT1
O
Tap output pin 1 for loudness function
4
AGND
-
Analog ground pins 1
5, 12
UP
I
Volume up control input pin.
The 1 step/1 push volume is controlled by pressing the
up Key. If the key has been pushed continuously
increase. Built-in pull-up resistor.
6
DN
I
Volume down control input pin.
The 1 step/1 push volume is controlled by pressing the
down Key. If the key is continuously pressed, the
volume control will continuously decrease. Built-in
pull-up resistor.
7
OSC
I/O
Oscillation pin.
The oscillation circuit of a resistor and capacitor
connection. Oscillator is activated when the key is
pressed.
8
RST
I
Reset pin.
This pin sets the initial volume level. The volume level is
set to -46dB by “L” Input. Built-in pull-up resistor low
active
9
/INH
I
Backup mode input pin
10
DCO
O
DC output pin for volume level meter
11
LT2
O
Tap output pin 2 for loudness function
13
IN2
I
Volume input pin 2
14
OUT2
O
Volume output pin 2
15
VDD
-
Positive power supply
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com