Electronic Components Datasheet Search
  English  ▼

X  

PT2256L Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT2256L
Description  Electronic Volume Controller IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2256L Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT2256L Datasheet HTML 3Page - Princeton Technology Corp PT2256L Datasheet HTML 4Page - Princeton Technology Corp PT2256L Datasheet HTML 5Page - Princeton Technology Corp PT2256L Datasheet HTML 6Page - Princeton Technology Corp PT2256L Datasheet HTML 7Page - Princeton Technology Corp PT2256L Datasheet HTML 8Page - Princeton Technology Corp PT2256L Datasheet HTML 9Page - Princeton Technology Corp PT2256L Datasheet HTML 10Page - Princeton Technology Corp PT2256L Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2256 V1.7
- 7 -
August, 2006
Electronic Volume Controller IC
PT2256
INITIALIZATION WHEN POWER ON
PT2256 has an auto-initialization function during the Power On period. When Power is turned ON, the
volume level is set to the initial value of -46 dB by setting the RST pin to “L” level. Please refer to the
diagram below.
VD D
/R ST
0V
VIL
VD D
T
T1 m s
≥
BACK UP WHEN POWER OFF
When the /INH Pin is set at “L” Level, all input and output pins are disabled and the current
consumption is reduced to the minimum. Under this condition, the backup becomes possible. Please
refer to the diagram below:
VD D
VD D
0V
4.5V
No rm al M ode
B ac kup M ode
No rm al M ode
Bac ku p
VD D m in > 4 .5 V
B ac ku p D ata is los t
The backup circuit is given below:
IN4 001
10 K
1 000 F /16 V
µ
+
-
10 K
51 K
P T 2256
VD D
VSS
/I NH
VDD
VSS
Note:
If the VDD drops from 12V to 4.5V, then the backup is possible for a period of 6 days. However, if
VDD-Vss drops below 4.5V, the backup becomes impossible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com