Electronic Components Datasheet Search
  English  ▼

X  

LT8610AB Datasheet(PDF) 12 Page - Analog Devices

Part # LT8610AB
Description  42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AB Datasheet(HTML) 12 Page - Analog Devices

Back Button LT8610AB Datasheet HTML 8Page - Analog Devices LT8610AB Datasheet HTML 9Page - Analog Devices LT8610AB Datasheet HTML 10Page - Analog Devices LT8610AB Datasheet HTML 11Page - Analog Devices LT8610AB Datasheet HTML 12Page - Analog Devices LT8610AB Datasheet HTML 13Page - Analog Devices LT8610AB Datasheet HTML 14Page - Analog Devices LT8610AB Datasheet HTML 15Page - Analog Devices LT8610AB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Data Sheet
LT8615
analog.com
Rev 0
12 of 31
Figure 22. Burst Frequency vs. Load Current
Figure 23. Minimum Load to Full Frequency
(Pulse-Skip Mode)
Figure 24. Frequency Foldback
Figure 25. Soft-Start Tracking
Figure 26. Soft-Start Current vs. Temperature
Figure 27. Case Temperature vs. Load Current
L = XGL6060-152ME, 1.5µH
VIN = 12V
VOUT = 3.3V
LOAD CURRENT (mA)
0
200
400
600
800
1000
0
500
1000
1500
2000
2500
VOUT = 3.3V
fsw = 2MHz
PULSE-SKIP OPERATION
INPUT VOLTAGE (V)
0
10
20
30
40
50
0
10
20
30
40
50
60
70
80
90
100
VIN = 12V
VOUT = 3.3V
RT = 18.2k
FB VOLTAGE (mV)
0
200
400
600
800
0
500
1000
1500
2000
2500
SS VOLTAGE (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VSS = 0.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VOUT = 3.3V
fSW = 2MHz
L = XGL6060-152ME, 1.5µH
FT3209A DEMO BOARD
12VIN
24VIN
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
50
60
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com