Electronic Components Datasheet Search
  English  ▼

X  

LT8610AB Datasheet(PDF) 13 Page - Analog Devices

Part # LT8610AB
Description  42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AB Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8610AB Datasheet HTML 9Page - Analog Devices LT8610AB Datasheet HTML 10Page - Analog Devices LT8610AB Datasheet HTML 11Page - Analog Devices LT8610AB Datasheet HTML 12Page - Analog Devices LT8610AB Datasheet HTML 13Page - Analog Devices LT8610AB Datasheet HTML 14Page - Analog Devices LT8610AB Datasheet HTML 15Page - Analog Devices LT8610AB Datasheet HTML 16Page - Analog Devices LT8610AB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Data Sheet
LT8615
analog.com
Rev 0
13 of 31
Figure 28. Switching Rising Edge
Figure 29. Switching Waveforms
Figure 30. Switching Waveforms
Figure 31. Transient Response
Figure 32. Transient Response
Figure 33. Conducted EMI Performance
VIN = 12V
ILOAD = 2A
2ns/DIV
2V/DIV
12VIN TO 3.3VOUT AT 1.5A
200ns/DIV
5V/DIV
500mA/DIV
12VIN TO 3.3VOUT AT 50mA
BURST MODE OPERATION
2µs/DIV
5V/DIV
500mA/DIV
1.85A TO 3.35A TRANSIENT (1.5A PULSE)
12VIN TO 3.3VOUT
COUT = 3 x 22µF
50µs/DIV
ILOAD
1A/DIV
VOUT
100mV/DIV
2.2A TO 3.5A TRANSIENT (1.3A PULSE)
12VIN TO 3.3VOUT
COUT = 3 x 22µF
50µs/DIV
ILOAD
1A/DIV
VOUT
100mV/DIV
EVAL-LT8615-AZ DEMO BOARD
(WITH EMI FILTER INSTALLED)
12V INPUT TO 5V OUTPUT AT 2.5A,
fsw = 2MHz
CLASS 5 PEAK LIMIT
SPREAD SPECTRUM MODE
FIXED FREQUENCY
FREQUENCY (MHz)
0.1
1
10
100 200
–10
0
10
20
30
40
50
60
70
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com