Electronic Components Datasheet Search
  English  ▼

X  

GWPLTRA1.PM Datasheet(PDF) 12 Page - OSRAM GmbH

Part # GWPLTRA1.PM
Description  Leveraging the strengths of a traditional high power LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWPLTRA1.PM Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button GWPLTRA1.PM Datasheet HTML 8Page - OSRAM GmbH GWPLTRA1.PM Datasheet HTML 9Page - OSRAM GmbH GWPLTRA1.PM Datasheet HTML 10Page - OSRAM GmbH GWPLTRA1.PM Datasheet HTML 11Page - OSRAM GmbH GWPLTRA1.PM Datasheet HTML 12Page - OSRAM GmbH GWPLTRA1.PM Datasheet HTML 13Page - OSRAM GmbH GWPLTRA1.PM Datasheet HTML 14Page - OSRAM GmbH GWPLTRA1.PM Datasheet HTML 15Page - OSRAM GmbH GWPLTRA1.PM Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
GW PLTRA1.PM
DATASHEET
DATASHEET
12 | Version 1.3 | 2024-09-25
Relative Spectral Emission 6)
Φ
rel = f (λ); IF = 1050 mA; TJ = 85 °C
GW PLTRA1.PM
250
300
350
400
450
500
550600
650
700750
800
O /nm
0,0
0,2
0,4
0,6
0,8
1,0
)rel
:VO
:white
Radiation Characteristics 6)
I
rel = f (ϕ); TJ = 85 °C
GW PLTRA1.PM
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0° 10° 20°30° 40° 50° 60° 70° 80°90°
ϕ /°
0,0
0,2
0,4
0,6
0,8
1,0
Irel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com