Electronic Components Datasheet Search
  English  ▼

X  

GWPLTRA1.PM Datasheet(PDF) 3 Page - OSRAM GmbH

Part # GWPLTRA1.PM
Description  Leveraging the strengths of a traditional high power LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWPLTRA1.PM Datasheet(HTML) 3 Page - OSRAM GmbH

  GWPLTRA1.PM Datasheet HTML 1Page - OSRAM GmbH GWPLTRA1.PM Datasheet HTML 2Page - OSRAM GmbH GWPLTRA1.PM Datasheet HTML 3Page - OSRAM GmbH GWPLTRA1.PM Datasheet HTML 4Page - OSRAM GmbH GWPLTRA1.PM Datasheet HTML 5Page - OSRAM GmbH GWPLTRA1.PM Datasheet HTML 6Page - OSRAM GmbH GWPLTRA1.PM Datasheet HTML 7Page - OSRAM GmbH GWPLTRA1.PM Datasheet HTML 8Page - OSRAM GmbH GWPLTRA1.PM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
GW PLTRA1.PM
DATASHEET
DATASHEET
3 | Version 1.3 | 2024-09-25
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 1050 mA
Φ
V
GW PLTRA1.PM-MDQB-XX510-1
2200 K
340.0 ... 620.0 lm Q65113A5745
GW PLTRA1.PM-NAQB-XX58-1
2700 K
380.0 ... 620.0 lm Q65113A5744
GW PLTRA1.PM-NDQB-XX57-1
3000 K
440.0 ... 620.0 lm Q65113A5743
GW PLTRA1.PM-NDQB-XX56-1
3500 K
440.0 ... 620.0 lm Q65113A5737
GW PLTRA1.PM-NEQB-XX55-1
4000 K
460.0 ... 620.0 lm Q65113A5738
GW PLTRA1.PM-NEQB-XX54-1
4500 K
460.0 ... 620.0 lm Q65113A5739
GW PLTRA1.PM-NEQB-XX53-1
5000 K
460.0 ... 620.0 lm Q65113A5740
GW PLTRA1.PM-PAQB-XX52-1
5700 K
480.0 ... 620.0 lm Q65113A5741
GW PLTRA1.PM-NDQB-XX51-1
6500 K
440.0 ... 620.0 lm Q65113A5742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com