Electronic Components Datasheet Search
  English  ▼

X  

PS4531 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PS4531
Description  Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4531 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PS4531 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4531 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4531 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4531 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4531 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4531 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4531 Datasheet HTML 9Page - Pericom Semiconductor Corporation PS4531 Datasheet HTML 10Page - Pericom Semiconductor Corporation PS4531 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
PS8591D
11/17/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4530/PS4531/PS4532
Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
M
)
2
(
p
y
T
)
2
(
x
a
M
)
2
(
s
t
i
n
U
t
u
p
n
I
c
i
g
o
L
l
a
t
i
g
i
D
d
l
o
h
s
e
r
h
T
h
g
i
H
-
c
i
g
o
L
V
,
H
_
D
D
A
V
,
H
_
N
E
V E
L
TA T
=
N
I
M
T
o
t
X
A
M
4
.
2
V
d
l
o
h
s
e
r
h
T
w
o
L
-
c
i
g
o
L
V
,
L
_
D
D
A
V
,
L
_
N
E
V E
L
8
.
0
h
ti
w
t
n
e
r
r
u
C
t
u
p
n
I
h
g
i
H
e
g
a
tl
o
V
t
u
p
n
I
I
,
H
_
D
D
A
I
,
H
_
N
E
I E
L
VH
V
,
V
4
.
2
=
L
V
8
.
0
=1
.
0
–1
.
0µ
Α
h
ti
w
t
n
e
r
r
u
C
t
u
p
n
I
w
o
L
e
g
a
tl
o
V
t
u
p
n
I
I
,
L
_
D
D
A
I
,
L
_
N
E
I E
L
y
l
p
p
u
S
e
g
n
a
R
y
l
p
p
u
S
-
e
v
it
i
s
o
P
0
.
22
1V
t
n
e
r
r
u
C
y
l
p
p
u
S
-
e
v
it
i
s
o
P+
I
V _
N
E
V
=
D
D
A
V
=
E
L
;
+
V
,
V
0
=
V
0
=
–
V
;
V
5
.
5
=
+
V
TA =C
°
5
2
+0
.
1
–0
.
1
µ
Α
TA T
=
N
I
M
T
o
t
X
A
M
0
1
–0
1
t
n
e
r
r
u
C
y
l
p
p
u
S
-
e
v
it
a
g
e
N–
I
TA =C
°
5
2
+0
.
1
–0
.
1
TA T
=
N
I
M
T
o
t
X
A
M
0
1
–0
1
I D
N
G
t
n
e
r
r
u
C
y
l
p
p
u
SI D
N
G
TA =C
°
5
2
+0
.
1
–0
.
1
TA T
=
N
I
M
T
o
t
X
A
M
0
1
–0
1
c
i
m
a
n
y
D
e
m
i
T
n
o
it
i
s
n
a
r
Tt
S
N
A
R
T
V
,
1
e
r
u
g
i
F
O
N
V
3
=
TA =C
°
5
2
+0
90
0
2
s
n
TA T
=
N
I
M
T
o
t
X
A
M
0
5
2
l
a
v
r
e
t
n
I
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
Bt M
B
B
3
e
r
u
g
i
F
)
3
(
TA =C
°
5
2
+0
10
2
e
m
i
T
n
O
-
n
r
u
T
e
l
b
a
n
E
)
3
(
t
)
N
E
(
N
O
2
e
r
u
g
i
F
TA =C
°
5
2
+0
0
10
0
2
TA T
=
N
I
M
T
o
t
X
A
M
0
5
2
e
m
i
T
f
f
O
-
n
r
u
T
e
l
b
a
n
E
)
3
(
t
)
N
E
(
F
F
O
3
e
r
u
g
i
F
TA =C
°
5
2
+0
40
0
1
TA T
=
N
I
M
T
o
t
X
A
M
5
2
1
l
e
n
n
a
h
C
,
e
m
i
T
p
U
-
t
e
S
e
l
b
a
n
E
h
c
t
a
L
o
t
t
c
e
l
e
S
tS
7
e
r
u
g
i
F
TA =C
°
5
2
+0
5
TA T
=
N
I
M
T
o
t
X
A
M
0
6
e
l
b
a
n
E
h
c
t
a
L
,
e
m
i
T
d
l
o
H
t
c
e
l
e
S
l
e
n
n
a
h
C
o
t
tH
TA =C
°
5
2
+0
TA T
=
N
I
M
T
o
t
X
A
M
0
e
l
b
a
n
E
h
c
t
a
L
,
h
t
d
i
W
e
s
l
u
Pt W
P
M
TA =C
°
5
2
+0
6
TA T
=
N
I
M
T
o
t
X
A
M
0
7
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
QC
,
7
e
r
u
g
i
F
L
V
,
F
n
1
=
O
N
V
0
=TA =C
°
5
2
+5
.
15
C
p
Electrical Characteristics - Single 5V Supply
(V+ = +5V ±10%, V– = –0V, GND = 0V, VADD_H = VEN_H = VLE = 2.4V, VADD_L = VEN_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com