Electronic Components Datasheet Search
  English  ▼

X  

PS4531 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PS4531
Description  Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4531 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PS4531 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4531 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4531 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4531 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4531 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4531 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4531 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4531 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4531 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
PS8591D
11/17/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4530/PS4531/PS4532
Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Voltages Referenced to V–
V+ ................................................................................................. –0.3Vto+13V
Voltage into Any Terminal(1)
or ±20mA (whichever occurs first) ....................................... –0.3Vto(V++0.3V)
Continuous Current into Any Terminal ................................................... ±20mA
Peak Current, NO, NC, or COM_
(pulsed at 1ms, 10% duty cycle .............................................................. ±40mA
ESD per Method 3015.7 ........................................................................... >2000V
Continuous Power Dissipation (TA = +70°C)
SO (derate 10.00mW/°C above +70°C) .................................................. 800mW
SSOP (derate 8.00mW/°C above +70°C) ............................................... 640mW
Operating Temperature Ranges
PS453_C_P ................................................................................... 0°C to +70°C
PS453_E_P ............................................................................... –40°C to +85°C
Storage Temperature Range ..................................................... –65°Cto+150°C
Lead Temperture (soldering, 10s ............................................................... +30°C
Note:
Voltages exceeding V+ or V– on any signal terminal are clampled by internal diodes.
Limit forward-diode current to maximum currant rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com