Electronic Components Datasheet Search
  English  ▼

X  

65PWB31 Datasheet(PDF) 5 Page - NEC

Part # 65PWB31
Description  DOD-PD-0734 (2nd edition)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

65PWB31 Datasheet(HTML) 5 Page - NEC

  65PWB31 Datasheet HTML 1Page - NEC 65PWB31 Datasheet HTML 2Page - NEC 65PWB31 Datasheet HTML 3Page - NEC 65PWB31 Datasheet HTML 4Page - NEC 65PWB31 Datasheet HTML 5Page - NEC 65PWB31 Datasheet HTML 6Page - NEC 65PWB31 Datasheet HTML 7Page - NEC 65PWB31 Datasheet HTML 8Page - NEC 65PWB31 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
65PWB31
DATA SHEET DOD-PD-0734 (2nd edition)
5
2.3 ELECTRICAL CHARACTERISTICS
(Ta=25
°C)
Parameter
Symbol
min.
typ.
max.
Unit
Remarks
Power supply voltage
VDDB
4.75
5.0
5.25
V
Note1, Note2
Power supply current
IDDB
-
900
1,000
mA
VDDB = 5.0V Note2
(at the maximum
luminance control)
Open lamp voltage
VO
900
-
-
Vrms
Ta = - 10 to + 65
°C
Output voltage
Lamp voltage
(at steady state)
VBLH
-
375
-
Vrms
-
Output current
Lamp current
(per lamp)
IBL
-
5.0
-
mArms
-
Oscillation frequency
FO
51
55
59
kHz
Luminance control frequency
FB
250
270
290
Hz
-
Note1: When designing of the power supply, take the measures for the prevention of surge voltage.
Note2: The power supply lines (VDDB and GNDB) occurs large ripple voltage while luminance control
of LCD lamps. There is the possibility that the ripple voltage produces acoustic noise and signal
wave noise in audio circuit and so on. Put a capacitor (5,000 to 6,000
µF) between the power
source lines (VDDB and GNDB) to reduce the noise, if the noise occurred in the circuit.
2.4 FUSE
Fuse
Parameter
Type
Supplier
Rating
Fusing current
Remarks
2.0A
VDDB
11CT2A
SOC Corporation
72V
4.0A
Note1
Note1: The power supply capacity should be more than the fusing current. If the power capacity is less
than the fusing current, the fuse may not blow for a short time, and then nasty smell, smoking and
so on may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com