Electronic Components Datasheet Search
  English  ▼

X  

65PWB31 Datasheet(PDF) 7 Page - NEC

Part # 65PWB31
Description  DOD-PD-0734 (2nd edition)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

65PWB31 Datasheet(HTML) 7 Page - NEC

Back Button 65PWB31 Datasheet HTML 2Page - NEC 65PWB31 Datasheet HTML 3Page - NEC 65PWB31 Datasheet HTML 4Page - NEC 65PWB31 Datasheet HTML 5Page - NEC 65PWB31 Datasheet HTML 6Page - NEC 65PWB31 Datasheet HTML 7Page - NEC 65PWB31 Datasheet HTML 8Page - NEC 65PWB31 Datasheet HTML 9Page - NEC 65PWB31 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
65PWB31
DATA SHEET DOD-PD-0734 (2nd edition)
7
2.6 LUMINANCE CONTROL
Method
Adjustment and luminance ratio
• Adjustment
The variable resistor (R) for luminance control should be 10k
Ω ±5%, B curve, 1/10W.
Minimum point of the resistor is the minimum luminance. Also maximum point of the resistor
is the maximum luminance.
• Luminance ratio
Resistance
Luminance ratio
0
Ω
30% (min.)
Note1
10 k
Ω
100% (max.)
Resistor control
• Adjustment
Voltage control method works, when BRTL terminal is 0V and BRTH voltage is input between
BRTL and BRTH terminal. This control method can carry out continuation adjustment of
luminance. Luminance is maximum when BRTH terminal is Open.
Less than 0.5V causes backlight off.
Except NL6448AC20-06
Between the terminals of BRTL and BRTH
Less than 0.5V
Backlight off
0.5V to 1.5V
Unstable operations such as flicker may occur.
1.5V
30% (min.)
Note1
Luminance
control range
2.3V
Luminance
ratio
100% (max.)
More than 2.5V
Don't use.
IC will be damaged.
Voltage control
Note1: These data are the target values.
3. RELIABILITY TEST
This test is in accordance with the adaptable LCD module. Refer to Reliability Test of the LCD
module.
R
BRTH
BRTL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com