Electronic Components Datasheet Search
  English  ▼

X  

MAX4880 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4880
Description  Overvoltage-Protection Controller with Internal Disconnect Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4880 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4880 Datasheet HTML 1Page - Maxim Integrated Products MAX4880 Datasheet HTML 2Page - Maxim Integrated Products MAX4880 Datasheet HTML 3Page - Maxim Integrated Products MAX4880 Datasheet HTML 4Page - Maxim Integrated Products MAX4880 Datasheet HTML 5Page - Maxim Integrated Products MAX4880 Datasheet HTML 6Page - Maxim Integrated Products MAX4880 Datasheet HTML 7Page - Maxim Integrated Products MAX4880 Datasheet HTML 8Page - Maxim Integrated Products MAX4880 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Overvoltage-Protection Controller with
Internal Disconnect Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 5V, TA = -40
°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
IN ............................................................................-0.3V to +30V
GATE ......................................................................-0.3V to +12V
EN, CB, FLAGV, BAT_OK, BTA, BTB, BTB_SNS .....-0.3V to +6V
Continuous Power Dissipation (TA = +70°C)
10-Pin TDFN (derate 18.5mW/°C above +70°C) ...1481.5mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .................................................... +150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT VOLTAGE (IN)
Input Voltage Range
VIN
1.2
28.0
V
Overvoltage Trip Level
OVLO
VIN rising
5.5
5.6
5.7
V
Overvoltage-Trip-Level Hysteresis
50
mV
Undervoltage-Lockout Threshold
UVLO
VIN falling
4.2
4.35
4.5
V
Undervoltage-Lockout Hysteresis
50
mV
Supply Current
IIN + IBTA
No load, VIN = 5.4V, VEN = 0 or 5.5V,
VCB = 0 or VIN
240
380
µA
INTERNAL SWITCH
BTA Input Range
VBTA
2.8
5.7
V
BTA Undervoltage Lockout
BTAUVLO
Falling edge
2.4
2.7
V
BTA-Undervoltage-Lockout
Hysteresis
50
mV
BTB-Switch-Disconnect Trip
Level
BTBTRIP
4.10
4.20
V
BTB-Switch-Disconnect
Hysteresis
200
mV
Switch-Forward Current Limit
IFWD
450
525
600
mA
TA = +25
°C
600
Switch-Reverse Current Limit
IREV
650
mA
Voltage Drop (VBTA – VBTB)IL = 400mA
110
mV
BTB Off Current
IBTB-OFF
VEN = 0 (VCB = 0, or VIN < VUVLO
and VBTA = 0)
1µA
GATE
GATE Voltage
VGATE
IGATE sourcing 1µA , VIN = 5V
9
10
V
GATE Pulldown Current
IPD
VIN > VOVLO, VGATE = 5V
60
mA
TIMING
GATE Startup Delay
tSTART
VIN > VUVLO, VGATE > 0.3V (Figure 1)
20
50
80
ms
FLAGV Delay Time
tDELAY
VGATE = 0.3V,VFLAGV = 2.4V (Figure 1)
20
50
80
ms
GATE Turn-On Time
tGON
VGATE = 0.3V to 8V, CGATE = 1500pF (Figure 1)
7ms
GATE Turn-Off Time
tGOFF
VIN increasing from 5V to 8V at 3V/µs,
VGATE = 0.3V, CGATE = 1500pF (Figure 2)
620
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com