Electronic Components Datasheet Search
  English  ▼

X  

MAX4880 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4880
Description  Overvoltage-Protection Controller with Internal Disconnect Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4880 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4880 Datasheet HTML 2Page - Maxim Integrated Products MAX4880 Datasheet HTML 3Page - Maxim Integrated Products MAX4880 Datasheet HTML 4Page - Maxim Integrated Products MAX4880 Datasheet HTML 5Page - Maxim Integrated Products MAX4880 Datasheet HTML 6Page - Maxim Integrated Products MAX4880 Datasheet HTML 7Page - Maxim Integrated Products MAX4880 Datasheet HTML 8Page - Maxim Integrated Products MAX4880 Datasheet HTML 9Page - Maxim Integrated Products MAX4880 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Overvoltage-Protection Controller with
Internal Disconnect Switch
6
_______________________________________________________________________________________
Pin Description (continued)
PIN
NAME
FUNCTION
10
FLAGV
Active-Low, Open-Drain-Fault Flag Output.
FLAGV goes low when either an overvoltage or undervoltage
fault occurs at IN.
FLAGV is disabled when EN goes high. During startup, FLAGV has a delay of 50ms
after VGATE > 0.3V, before being initially driven high.
—EP
Exposed Pad. EP is internally connected to GND. Do not use EP as the only electrical ground connection.
VIN
VGATE
1.2V
VUVLO
0.3V
tSTART
2.4V
tDELAY
8V
tGON
5V
VFLAGV
Figure 1. Startup Timing Diagram
VIN
VGATE
VOVLO
0.3V
tGOFF
0.4V
tFLAG
5V
8V
VFLAGV
Figure 2. Overvoltage Fault Timing Diagram
VIN
IGATE
VOVLO
80%
tOVP
0V
Figure 3. Power-Up Overvoltage Timing Diagram
VGATE
0.3V
tDIS
2.4V
VEN
Figure 4. Disable Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com