Electronic Components Datasheet Search
  English  ▼

X  

10941 Datasheet(PDF) 13 Page - Extreme Networks.

Part # 10941
Description  Universal Edge/Aggregation Switch Platform
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

10941 Datasheet(HTML) 13 Page - Extreme Networks.

Back Button 10941 Datasheet HTML 9Page - Extreme Networks. 10941 Datasheet HTML 10Page - Extreme Networks. 10941 Datasheet HTML 11Page - Extreme Networks. 10941 Datasheet HTML 12Page - Extreme Networks. 10941 Datasheet HTML 13Page - Extreme Networks. 10941 Datasheet HTML 14Page - Extreme Networks. 10941 Datasheet HTML 15Page - Extreme Networks. 10941 Datasheet HTML 16Page - Extreme Networks. 10941 Datasheet HTML 17Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
International ITE
CB Report and Certificate per IEC 60950-1
IEC 62368-1
EMI/EMC Standards
North American EMC for ITE
FCC CFR 47 Part 15 Class A (USA)
CB Report and Certificate IEC 62368-1
RoHS Directive 2011/65/EU
AS/NZS 60950-1 (Australia /New Zealand)
European EMC Standards
EN 55035
EN 55032 Class A
EN 55024
EN 55011
EN 61000-3-2,2014 (Harmonics)
EN 61000-3-3 2013 (Flicker)
EN 300 386 (EMC Telecommunications)
2014/30/EU EMC Directive
International EMC Certifications
CISPR 32, Class A (International Emissions)
AS/NZS CISPR32
CISPR 24 Class A (International Immunity)
IEC 61000-4-2/EN 61000-4-2 Electrostatic Discharge, 8kV Contact, 15 kV Air,
Criteria B
IEC 61000-4-3 /EN 61000-4-3 Radiated Immunity 10V/m, Criteria A
IEC 61000-4-4/EN 61000-4-4 Transient Burst, 1 kV, Criteria AB
IEC 61000-4-5 /EN 61000-4-5 Surge, 2 kV L-L, 2 kV L-G, Level 3, Criteria B
IEC 61000-4-6 Conducted Immunity, 0.15-80 MHz, 10V/m unmod. RMS,
Criteria A
IEC/EN 61000-4-11 Power Dips & Interruptions, >30%, 25 periods, Criteria C
Country Specific
VCCI Class A (Japan Emissions)
ACMA RCM (Australia Emissions)
CCC Mark (China)
KCC Mark, EMC Approval (Korea)
EAC Mark (Custom Union)
NRCS Mark (South Africa)
BSMI Mark (Taiwan)
Anatel (Brazil)
NoM (Mexico)
IEEE 802.3 Media Access Standards
IEEE 802.3ab 1000BASE-T
IEEE 802.3bz 2.5G/5GBASE-T
IEEE 802.3bt Type4 PoE
IEEE 802.3ae 10GBASE-X
IEEE 802.3aq 10GBASE-LRM
IEEE 802.3by 25GBASE-X
IEEE 802.3ba/802.3bm 40GBASE-X and 100GBASE-X
IEEE 802.3az Energy Efficient Ethernet
Ordering Notes
Customers ordering a 5520 Series switch receive the base switch
along with Base software license, fan modules and rack-mount
kit. At least one Power Supply Unit (PSU) is required for 5520
operation, and a second PSU is required for redundancy and/or
additional power.
Versatile Interface Modules (VIMs), power supplies, transceiver/
optics, power cords, as well as Premier and MACsec licenses must
be ordered separately.
Base Software and Optional Premier
License
The Base software included with each 5520 unit supports most
available switch features. Certain features, however, require a
Premier license to operate.
For Switch Engine, a Premier License is required for:
• 5 or more OSPF interfaces
• PIM DM / PM SSM
• Anycast RP (Rendezvous Point)
• Multi-Source Discovery Protocol (MSDP)
• IS-IS/BGP4/MBGP*
• GRE Tunneling
• EthernetVPN (EVPN)
• Multi-Protocol Label Switching (MPLS)***
For Fabric Engine, a Premier License is required for:
• 5 or more OSPF or RIP interfaces
• 3 or more BGP peers
• 25 or more VRFs**
• Layer 3 Virtual Service Networks (L3 VSNs)
• Distributed Virtual Routing (DvR) Controller
* Up to 2 BGP interfaces included in Base software with the EXOS
31.4 Release
** VRFs included in Base software with the VOSS 8.4 Release
*** MPLS available with Switch Engine 31.6 release
www.extremenetworks.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com