Electronic Components Datasheet Search
  English  ▼

X  

10941 Datasheet(PDF) 2 Page - Extreme Networks.

Part # 10941
Description  Universal Edge/Aggregation Switch Platform
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

10941 Datasheet(HTML) 2 Page - Extreme Networks.

  10941 Datasheet HTML 1Page - Extreme Networks. 10941 Datasheet HTML 2Page - Extreme Networks. 10941 Datasheet HTML 3Page - Extreme Networks. 10941 Datasheet HTML 4Page - Extreme Networks. 10941 Datasheet HTML 5Page - Extreme Networks. 10941 Datasheet HTML 6Page - Extreme Networks. 10941 Datasheet HTML 7Page - Extreme Networks. 10941 Datasheet HTML 8Page - Extreme Networks. 10941 Datasheet HTML 9Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Universal Hardware Platform
The 5520 comes with a dual-persona capability, allowing you to choose
your OS. Either the Switch Engine (EXOS)1 or Fabric Engine (VOSS)2 OS can
be selected at switch start-up or changed at a later stage. When selected,
the switch assumes the features and capabilities of that OS.
5520 OS selection can also be automated with ExtremeCloud IQ so that
the desired OS can be automatically loaded at switch start-up, facilitating
remote OS enablement.
1 Switch Engine is the new name for ExtremeXOS (EXOS) on all universal
switch platforms, starting with Version 31.6.
2 Fabric Engine is the new name for the VSP Operating System Software
(VOSS) on all universal switch platforms, starting with Version 8.6.
Cloud-Based Network Management
The 5520 can be managed by ExtremeCloud IQ and ExtremeCloud IQ Site
Engine for centralized switch management, giving you a consolidated view
of users, devices, and applications across wired and wireless networks for
efficient inventory and network topology management. ExtremeCloud IQ
enables zero touch provisioning, allowing you to quickly bring new 5520
switches online as well as select the OS persona.
Alternatively, 5520 on-box management can be done manually via a web-
based GUI or generic command-line interface (CLI).
Ethernet Fabric Services
The 5520 supports a variety of Ethernet Fabric services, including Extreme’s
Fabric Connect when running Fabric Engine and Extreme’s IP Fabric
when running Switch Engine. It also supports Fabric Attach for automated
connection to either Layer 2 or Layer 3 Fabric services.
Extreme’s Fabric Connect and IP Fabric enable the creation of virtualized
networks that automate network operations, simplify network provisioning,
and enhance security, all while reducing the strain on network and IT
personnel.
Power over Ethernet (PoE)
All 5520 models support 30W, 60W, and 90W PoE that conforms with
IEEE 802.3bt. This enables the 5520 to address the needs of powered edge
devices, while eliminating the need for additional electrical cabling and
circuits. In addition, 5520 PoE models support perpetual and fast PoE for
even more efficient and reliable powered edge device operation
VIM Options for Flexible Uplinks
The 5520 supports Versatile Interface Modules (VIMs), providing flexible
uplink capabilities with a single VIM slot. VIM options include four-port
10Gb or 25Gb modules that include LRM and 256-bit MACsec support.
High-Performance Stacking
The 5520 Series supports high-speed 200Gb* stacking when running
Switch Engine via its two built-in QSFP28 stacking ports. Up to eight
systems can be stacked using qualified QSFP+ direct attach cables and
optical transceivers.
*200Gb stacking available with Switch Engine 31.6
Audio Video Bridging
The 5520 series supports IEEE 802.1 Audio Video Bridging (AVB) when
running Switch Engine OS. This allows 5520 models to deliver reliable, real-
time audio/video transmission over Ethernet, meeting the quality of service
required for today’s high-definition, time-sensitive multimedia streams.
www.extremenetworks.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com