Electronic Components Datasheet Search
  English  ▼

X  

SL2309 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SL2309
Description  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SL2309 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SL2309 Datasheet HTML 4Page - List of Unclassifed Manufacturers SL2309 Datasheet HTML 5Page - List of Unclassifed Manufacturers SL2309 Datasheet HTML 6Page - List of Unclassifed Manufacturers SL2309 Datasheet HTML 7Page - List of Unclassifed Manufacturers SL2309 Datasheet HTML 8Page - List of Unclassifed Manufacturers SL2309 Datasheet HTML 9Page - List of Unclassifed Manufacturers SL2309 Datasheet HTML 10Page - List of Unclassifed Manufacturers SL2309 Datasheet HTML 11Page - List of Unclassifed Manufacturers SL2309 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Rev 1.1, May 29, 2007
Page 8 of 12
SL2309
External Components & Design Considerations
Typical Application Schematic
Comments and Recommendations
Decoupling Capacitor:
A decoupling capacitor of 0.1μF must be used between VDD and VSS pins. Place the capacitor s
on the component side of the PCB as close to the VDD pins as possible. The PCB trace to the VDD pin and to the GND
via should be kept as short as possible. Do not use vias between the decoupling capacitor and the VDD pin.
Series Termination Resistor
: A series termination resistor is recommended if the distance between the output clocks and
the load is over 1 ½ inch. The nominal impedance of the clock outputs is given on the page 4. Place the series termination
resistors as close to the clock outputs as possible.
Zero Delay and Skew Control:
All outputs and CLKIN pins should be loaded with the same load to achieve “Zero Delay”
between the CLKIN and the outputs. The CLKOUT pin is connected to CLKIN internally on-chip for feedback to PLL, and
sees an additional 2 pF load with respect to Bank A and B clocks. For applications requiring zero input/output delay, the
load at the all output pins including the CLKOUT pin must be the same. If any delay adjustment is required, the
capacitance at the CLKOUT pin could be increased or decreased to increase or decrease the delay between Bank A and
B clocks and CLKIN.
For minimum pin-to-pin skew, the external load at all the Bank A and B clocks must be the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com