Electronic Components Datasheet Search
  English  ▼

X  

K237 Datasheet(PDF) 1 Page - KG Technologies, Inc.

Part # K237
Description  HIGH POWER LATCHING RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.

K237 Datasheet(HTML) 1 Page - KG Technologies, Inc.

  K237 Datasheet HTML 1Page - KG Technologies, Inc. K237 Datasheet HTML 2Page - KG Technologies, Inc. K237 Datasheet HTML 3Page - KG Technologies, Inc. K237 Datasheet HTML 4Page - KG Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KG Technologies Inc.
Phone: +1.888.513.1874
Email: info@kgtechnologies.net
Web: www.kgtechnologies.net
K237_EN Rev 2.0
1
K237
HIGH POWER LATCHING RELAY
•
100A Latching Relay
•
UC3 capability as per IEC 62052-31:
Rated Operational Current (Ie) = 100A
Rated Operational Voltage (Ue) = 230Vac
•
4kV dielectric strength between coil and contacts
•
Outline dimensions: (60 x 52 x 23)mm
•
Custom assemblies available with flex wire and/or
copper extensions, and/or with integrated shunt
•
RoHS compliant materials and process
Contact Data
Characteristics
Rated Load *
100A @ 230Vac
Insulation resistance
1,000MΩ (at 500 Vdc)
Contact form
2A or 2B
Dielectric strength:
Contact material
AgSnO2
Coil to contact
4kVac for 1 min.
Contact resistance †
0.6mΩ (at 80 A)
10kV 1.2µs/50µs
Max. switching voltage ‡ 230 Vac
Pole to Pole
8kV 1.2µs/50µs
Max. carrying current § 100 A
Across open contacts 2.5kVac for 1min.
Max. switching current
100 A
Dielectric creepage
9.6 mm
Rated switching power 23,000 VA
Ambient temperature
-40°C to +85°C
Set time
≤ 20 ms
Ambient humidity
5% - 85% RH
Reset time
≤ 20 ms
Vibration
1.5 mm (DA) 10 Hz to 55 Hz
Electrical endurance
10,000 cycles
Shock resistance:
Mechanical endurance 100,000 cycles
Functional **
294 m/s2
Survival
980 m/s2
Coil termination
PCB or Wire
Unit weight
±160g
* Load at which the relay can pass UC3 as per IEC 62052-31
† Typical value for initial contact resistance per relay pole: Using a sample quantity of at least 20 units, take the average value from
5 continuous measurements from each sample
‡ Voltage at which the relay can pass electrical endurance testing as per IEC 62052-31
§ Current at which the relay can pass UC3 as per IEC 62052-31
** Unit may change state but is still functional


Similar Part No. - K237

ManufacturerPart #DatasheetDescription
logo
NEC
K2372 NEC-K2372 Datasheet
112Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results

Similar Description - K237

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
HIGH POWER LATCHING RELAY
logo
Hongfa Technology
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
HIGH POWER LATCHING RELAY
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
HIGH POWER LATCHING RELAY
HFE6 HONGFA-HFE6 Datasheet
58Kb / 3P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
71Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com