Electronic Components Datasheet Search
  English  ▼

X  

K237 Datasheet(PDF) 2 Page - KG Technologies, Inc.

Part # K237
Description  HIGH POWER LATCHING RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.

K237 Datasheet(HTML) 2 Page - KG Technologies, Inc.

  K237 Datasheet HTML 1Page - KG Technologies, Inc. K237 Datasheet HTML 2Page - KG Technologies, Inc. K237 Datasheet HTML 3Page - KG Technologies, Inc. K237 Datasheet HTML 4Page - KG Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KG Technologies Inc.
Phone: +1.888.513.1874
Email: info@kgtechnologies.net
Web: www.kgtechnologies.net
K237_EN Rev 2.0
2
Coil Data
Single Coil (Latching)
Dual Coil (Latching)
Coil Consumption
4W
8W
Pulse Duration
50ms
50ms
Coil Resistance
(Ω±10%) at 23°C
Nominal Coil Voltage
Min Set/Reset Voltage
Single Coil (Latching)
Dual Coil (Latching)
6Vdc
4.8Vdc
9Ω
2 x 4.5Ω
9Vdc
7.2Vdc
20.25Ω
2 x 10.1Ω
12Vdc
9.6Vdc
36Ω
2 x 18Ω
24Vdc
19.2Vdc
144Ω
2 x 72Ω
48Vdc
38.4Vdc
576Ω
2 x 288Ω
230Vac
See endnote ††
3024Ω
2 x 1512Ω
†† Set / Reset Voltage: 161Vac Maximum
Pulse Duration: 50ms for full-wave rectification; 100ms for half-wave rectification
Ordering Information
K237
■
■
-■ ■ -■ ■ -■ T -Cxxxx
Relay Series
Terminal Type:
A: See drawing
X: Custom Design ‡‡
Shunt:
280: 280µΩ
NIL: No Shunt
Coil Type:
S: Single Coil
D: Dual Coil
Coil Pin Position:
L: Coil pins on left of relay
R: Coil pins on right of relay
Coil Voltage §§:
6, 9, 12, 24, 48 Vdc; 230 Vac
Polarity:
P: Positive
N: Negative
Contact Form:
2A: Form 2A – Normally open (NO)
2B: Form 2B – Normally closed (NC)
Contact Material: T: AgSnO2
Custom Number:
Cxxxx: Where xxxx represents a unique number for custom relay terminal designs
‡‡ For custom designs, please contact KG Technologies. Integrated shunts, flex-wire, copper extension and brass terminals
available
§§ Coil voltage should be indicated in three-digit format (6Vdc = 006). For AC variant (230Vac=230)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com