Electronic Components Datasheet Search
  English  ▼

X  

1313321 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1313321
Description  PRC 20/3-C3-FC-FS2,5 6-14 - Coupler connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1313321 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1313321 Datasheet HTML 1Page - PHOENIX CONTACT 1313321 Datasheet HTML 2Page - PHOENIX CONTACT 1313321 Datasheet HTML 3Page - PHOENIX CONTACT 1313321 Datasheet HTML 4Page - PHOENIX CONTACT 1313321 Datasheet HTML 5Page - PHOENIX CONTACT 1313321 Datasheet HTML 6Page - PHOENIX CONTACT 1313321 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Coupler connector, Range of articles: PRC 20, color: black, number of positions: 3, min.
conductor cross section: 0.5 mm2, max. conductor cross section: 2.5 mm2, rated voltage: 400 V,
rated current: 20 A, Connection method: Screw connection, Contact connection type: Socket,
min. cable diameter: 6 mm, max. cable diameter: 14 mm, Setting option for release: 1. with a tool
or 2. by hand, scope: SIGNAL
Your advantages
More space on the device front with current transmission up to 20 A in a minimum amount of space
•
Duo-Unlock technology for greater flexibility during installation and maintenance
•
Reliable use under extreme ambient conditions with high degrees of protection and impact resistance
•
Simple handling with proven crimp or screw connection technology
•
Mechanical and color coding for quick and error-free startup
•
Commercial data
Item number
1313321
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
AB03
Product key
ABLHBA
GTIN
4063151568955
Weight per piece (including packing)
53.8 g
Weight per piece (excluding packing)
40.95 g
Customs tariff number
85366990
Country of origin
PL
PRC 20/3-C3-FC-FS2,5 6-14 - Coupler connector
1313321
https://www.phoenixcontact.com/us/products/1313321
Oct 31, 2024, 6:32 AM
Page 1 (7)


Similar Part No. - 1313321

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
131332 TEC-131332 Datasheet
5Mb / 12P
PIDG TERMINALS & SPLICES
09/17
logo
PHOENIX CONTACT
1313320 PHOENIX-1313320 Datasheet
298Kb / 7P
PRC 20/3-C3-FC-MS2,5 6-14 - Connector
1313323 PHOENIX-1313323 Datasheet
297Kb / 7P
PRC 20/3-C4-FC-MS2,5 6-14 - Connector
1313325 PHOENIX-1313325 Datasheet
297Kb / 7P
PRC 20/3-C4-FC-FS2,5 6-14 - Coupler connector
More results

Similar Description - 1313321

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1308661 PHOENIX-1308661 Datasheet
281Kb / 4P
Coupler connector - PRC 20/5-C1-FC-FS2,5 6-14
Nov 3, 2022
1308663 PHOENIX-1308663 Datasheet
182Kb / 4P
PRC 20/5-C2-FC-FS2,5 6-14 - Coupler connector
1309416 PHOENIX-1309416 Datasheet
182Kb / 4P
PRC 20/4-C4-FC-FS2,5 6-14 - Coupler connector
1309421 PHOENIX-1309421 Datasheet
182Kb / 4P
PRC 20/5-C4-FC-FS2,5 6-14 - Coupler connector
1313316 PHOENIX-1313316 Datasheet
283Kb / 5P
PRC 20/3-C1-FC-FS2,5 6-14 - Coupler connector
1308646 PHOENIX-1308646 Datasheet
182Kb / 4P
PRC 20/4-C3-FC-FS2,5 6-14 - Coupler connector
1308664 PHOENIX-1308664 Datasheet
183Kb / 4P
PRC 20/5-C3-FC-MS2,5 6-14 - Connector
1308665 PHOENIX-1308665 Datasheet
183Kb / 4P
PRC 20/5-C3-FC-FS2,5 6-14 - Coupler connector
1308640 PHOENIX-1308640 Datasheet
179Kb / 3P
PRC 20/4-C1-FC-FS2,5 6-14 - Coupler connector
1308642 PHOENIX-1308642 Datasheet
182Kb / 4P
PRC 20/4-C2-FC-FS2,5 6-14 - Coupler connector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com