Electronic Components Datasheet Search
  English  ▼

X  

1313321 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1313321
Description  PRC 20/3-C3-FC-FS2,5 6-14 - Coupler connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1313321 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1313321 Datasheet HTML 1Page - PHOENIX CONTACT 1313321 Datasheet HTML 2Page - PHOENIX CONTACT 1313321 Datasheet HTML 3Page - PHOENIX CONTACT 1313321 Datasheet HTML 4Page - PHOENIX CONTACT 1313321 Datasheet HTML 5Page - PHOENIX CONTACT 1313321 Datasheet HTML 6Page - PHOENIX CONTACT 1313321 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Notes
Order information:
Setting option for release: 1. with a tool or 2. by hand
Note on application
For assembly notes, please refer to the packing slip
Product properties
Product type
Installation connector
Product family
PRC 20
Area of application
SIGNAL
Number of positions
3
Connection profile
3
Coding
3-C3
Data management status
Article revision
04
Insulation characteristics
Protection class
II
Electrical properties
400 V (III/2.00) in accordance with IEC 61984
400 V AC (III/2.00) in accordance with IEC 61535
600 V AC / DC (III/2.00) in accordance with UL 2238 / UL 2237
Nominal voltage ATD
500 V DC (III/2.00) in accordance with IEC 61535
Rated current
20 A (With 2.5 mm² conductor cross section in accordance with
IEC 61535)
Dimensions
Width
28.5 mm
Height
28.5 mm
Length
80.4 mm
Material specifications
Color
black
EPDM (Cable seal)
EPDM (Housing seal)
PPE (Housing)
PPE (Contact carriers)
PPE (Cable gland)
Material
CuZn (Contact material, Pb < 0.1)
Flammability rating according to UL 94
V0
Cable/line
External cable diameter
6 mm ... 14 mm
PRC 20/3-C3-FC-FS2,5 6-14 - Coupler connector
1313321
https://www.phoenixcontact.com/us/products/1313321
Oct 31, 2024, 6:32 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com