Electronic Components Datasheet Search
  English  ▼

X  

SN65LBC182 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC182
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC182 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LBC182 Datasheet HTML 3Page - Texas Instruments SN65LBC182 Datasheet HTML 4Page - Texas Instruments SN65LBC182 Datasheet HTML 5Page - Texas Instruments SN65LBC182 Datasheet HTML 6Page - Texas Instruments SN65LBC182 Datasheet HTML 7Page - Texas Instruments SN65LBC182 Datasheet HTML 8Page - Texas Instruments SN65LBC182 Datasheet HTML 9Page - Texas Instruments SN65LBC182 Datasheet HTML 10Page - Texas Instruments SN65LBC182 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SN65LBC182
SN75LBC182
SLLS500A − MAY 2001 − REVISED MARCH 2005
7
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
tPHZ
1.5 V
2.3 V
0.5 V
0 V
3 V
tPZH
Output
Input
1.5 V
S1
0 or 3 V
Output
CL = 50 pF
(see Note B)
TEST CIRCUIT
50
Ω
VOH
Voff ≈ 0 V
RL = 110 Ω
Generator
(see Note A)
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR = 1.25 kHz, 50% duty cycle, tr ≤ 10 ns,
tf ≤ 10 ns, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 5. Driver tPZH and tPHZ Test Circuit and Voltage Waveforms
VOLTAGE WAVEFORMS
5 V
VOL
0.5 V
tPZL
3 V
0 V
tPLZ
2.3 V
1.5 V
Output
Input
TEST CIRCUIT
Output
RL = 110 Ω
5 V
S1
CL = 50 pF
(see Note B)
50
Ω
0 or 3 V
Generator
(see Note A)
1.5 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR = 1.25 kHz, 50% duty cycle, tr ≤ 10 ns,
tf ≤ 10 ns, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 6. Driver tPZL and tPLZ Test Circuit and Voltage Waveforms
R
50 pF
(see Note A)
VO
A
Input
Output
3 V
0 V
Inputs
Output
IO
VID
1.5 V
B
RE
VI
II
tPLH
tPHL
tr
tf
1.5 V
VOH
VOL
50%
90%
10%
50%
90%
10%
50%
NOTE A: This value includes probe and jig capacitance (
± 10%).
Figure 7. Receiver tPLH and tPHL Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com