Electronic Components Datasheet Search
  English  ▼

X  

SN65LBC182 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC182
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC182 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65LBC182 Datasheet HTML 4Page - Texas Instruments SN65LBC182 Datasheet HTML 5Page - Texas Instruments SN65LBC182 Datasheet HTML 6Page - Texas Instruments SN65LBC182 Datasheet HTML 7Page - Texas Instruments SN65LBC182 Datasheet HTML 8Page - Texas Instruments SN65LBC182 Datasheet HTML 9Page - Texas Instruments SN65LBC182 Datasheet HTML 10Page - Texas Instruments SN65LBC182 Datasheet HTML 11Page - Texas Instruments SN65LBC182 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SN65LBC182
SN75LBC182
SLLS500A − MAY 2001 − REVISED MARCH 2005
8
www.ti.com
PARAMETER MEASUREMENT INFORMATION
3 V
0 V
Inputs
Output
tPHZ
tPZH
VOH
∼ 2.5 V
0.5 V
R
50 pF
(see Note A)
VO
A
Input
B
RE
620
Ω
0 V or 3 V
1.5 V
0.5 V
RE
VO
3 V
0 V
tPLZ
tPZL
VOL
∼ 2.5 V
0.5 V
1.5 V
0.5 V
3 V
0 V
A
620
Ω
5 V
NOTE A: This value includes probe and jig capacitance (
± 10%).
Figure 8. Receiver tPZL, tPLZ, tPZH, and tPHZ Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com