Electronic Components Datasheet Search
  English  ▼

X  

B0530W Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # B0530W
Description  0.5AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

B0530W Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  B0530W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd B0530W Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.5- TYP. JUNCTION CAPACITANCE VS
REVERSE VOLTAGE
V , REVERSE VOLTAGE (V)
R
0
5
10
15
20
1000
100
10
1
FIG.3- TYPICAL FORWARD CHARACTERISTICS
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
0
0.01
B0540W
T=25 C
Pulse width = 300 s
2% duty cycle
j
O
B0520L
W
B0530W
0.2
0.4
0.6
0.8
10
0.1
1.0
10
RATINGS AND CHARACTERISTIC CURVES (B0520LW,
B0540W)
B0530W,
Version: A06
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
1
0.01
0.1
10
100
100
10
1
0.1
PULSE DURATION. (sec)
FIG.2- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
1
2
5
10
20
100
50
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
Per Leg (JEDEC Method)
T =T max
jj
5.5
FIG.1- FORWARD CURRENT DERATING CURVE
TERMINAL TEMPERATURE ( C)
O
0
25
50
75
100
125
150
1.00
0.75
0.50
0.25
0
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0
20
40
60
80
100
120
140
100
10
1
0.1
Tj=100 C
0
Tj=25 C
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com