Electronic Components Datasheet Search
  English  ▼

X  

B0530W Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # B0530W
Description  0.5AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

B0530W Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  B0530W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd B0530W Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
B0520LW, B0530W, B0540W
0.5AMP Surface Mount Schottky Barrier Rectifiers
SOD-123
0.053(1.35)
Max.
0.006(0.15)
Typ. Min.
0.010(0.25)
Min.
0.004(0.10)
Max.
0.067(1.70)
0.55(1.40)
0.022(0.55)
Typ. Min.
0.152(3.85)
0.140(3.55)
0.112(2.85)
0.100(2.55)
Dimensions in inches and (millimeters)
Features
Low power loss, high efficiency.
Guard ring construction for transient protection
High conductance
Mechanical Data
Case: SOD-123, plastic
Terminals: Solderable per MIL-STD-202,
Method 208
Marking: Date Code and Type Code
Type Code: B0520LW Marking: TSD
B0530W Marking: TSE
B0540W Marking: TSF
W eight: 0.01 gram s (approx.)
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
B0520LW
B0530W
B0540W
Units
Peak Repetitive Reverse Voltage
W orking Peak Reverse Voltage
DC Blocking Voltage
V
RRM
V
RW M
V
R
20
30
40
V
RMS Reverse Voltage
VR(RMS)
14
21
28
V
Average Rectified Cureent
@ TL=100
OC
Io
0.5
A
Non-repetitive Peak Forward Surge Current
8.3ms Single half Sine-W ave Superimposed on
Rated Load (JEDEC Method)
IFSM
5.5
A
Power Dissipation (Note 1)
Pd
410
mW
Thermal Resistance Junction to Ambient Air
(Note 1)
RθJA
244
oC /W
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 125
oC
Voltage Rate of Chang
dv / dt
1000
V/uS
Electrical Characteristics
Type Number
Symbol
B0520LW
B0530W
B0540W
Units
Minim um Reverse Breakdown Voltage
IR=250uA
IR=130uA
IR=20uA
V(BR)
20
-
-
-
30
-
-
-
40
V
Maxim um Reverse Leakage Current (Note 2)
VR=10V
Tj=25 oC
VR=15V
Tj=25 oC
VR=20V
Tj=25 oC
VR=30V
Tj=25oC
VR=40V
Tj=25 oC
VR=10V
Tj=100 oC
VR=20V
Tj=100 oC
VR=40V
Tj=100oC
IR
1.0
-
250
-
-
5.0
8.0
-
-
20
-
130
-
-
-
-
-
-
10
-
20
-
5.0
13
uA
mA
Maxim um Forward Voltage Drop (Note 2)
Tj=25 oC
IF=0.1A
Tj=25 oC
IF=0.5A
Tj=25 oC
IF=1.0A
Tj=100 oC IF=0.1A
Tj=100 oC IF=0.5A
Tj=100 oC IF=1.0A
VF
0.300
0.385
-
0.220
0.330
-
0.375
0.430
-
-
-
-
-
0.510
0.620
-
0.460
0.610
V
Junction Capacitance
VR=0, f=1.0MHz
Cj
170
pF
Notes:
1. Valid Provided that Leads are Kept at Ambient Temperature.
2. Pulse Test: Pulse width = 300uS, Duty cycle
≦2%.
3. dv / dt Measured at Rated VR.


Similar Part No. - B0530W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0530W DIODES-B0530W Datasheet
63Kb / 2P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30139 Rev. 2 - 2
logo
Jiangsu Changjiang Elec...
B0530W JIANGSU-B0530W Datasheet
198Kb / 3P
SCHOTTKY RECTIFIER
logo
Weitron Technology
B0530W WEITRON-B0530W Datasheet
192Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
B0530W DIODES-B0530W Datasheet
383Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30139 Rev. 7 - 2
logo
Taiwan Semiconductor Co...
B0530W TSC-B0530W Datasheet
44Kb / 2P
0.5A Surface Mount Schottky Barrier Rectifier
More results

Similar Description - B0530W

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
B0520WS TSC-B0520WS_1 Datasheet
243Kb / 2P
0.5AMP Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS551V-30 SECOS-SCS551V-30 Datasheet
444Kb / 2P
0.5AMP Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
B0520LW LUGUANG-B0520LW Datasheet
174Kb / 2P
0.5AMP. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SR002 TSC-SR002_13 Datasheet
245Kb / 4P
0.5AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS551V SECOS-SCS551V_15 Datasheet
445Kb / 2P
0.5AMP Schottky Barrier Rectifiers
logo
CHENG-YI ELECTRONIC CO....
SCS520P CHENG-YI-SCS520P Datasheet
134Kb / 2P
0.5AMP Schottky Barrier Rectifiers
SCS551V CHENG-YI-SCS551V Datasheet
467Kb / 2P
0.5AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MSCD052-C SECOS-MSCD052-C Datasheet
157Kb / 3P
0.5Amp Surface Mount Schottky Barrier Rectifiers
logo
Rectron Semiconductor
B0520LW RECTRON-B0520LW Datasheet
283Kb / 5P
0.5AMP Surface Mount Schottky Barrier Rectifiers
B0520LWV RECTRON-B0520LWV Datasheet
335Kb / 5P
0.5AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com