Electronic Components Datasheet Search
  English  ▼

X  

H550 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # H550
Description  Ground fault indication relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

H550 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  H550 Datasheet HTML 1Page - List of Unclassifed Manufacturers H550 Datasheet HTML 2Page - List of Unclassifed Manufacturers H550 Datasheet HTML 3Page - List of Unclassifed Manufacturers H550 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Our energy working for you.™
www.cumminspower.com
©2007|Cummins Power Generation Inc.|All rights reserved|Specifications subject to change without notice|Cummins Power Generation
and Cummins are registered trademarks of Cummins Inc. “Our energy working for you.”, PowerCommand and Detector are trademarks of
Cummins Power Generation.
AC-160d (7/07) Page 2 of 4
Construction
System operation
The relay is provided in a non-conducting phenolic case,
with provisions for panel mounting or mounting to a
standard DIN rail (panel mounting is recommended for
mounting on a generator set). Relay components are
fully potted with epoxy resin for vibration resistance and
durability.
The relay includes an integral terminal block assembly,
which accepts wires up to 12-gauge.
Relay function selection link (auto/hand reset).
Environmental range - Operating -10 °C to +60 °C,
storage -40 °C to 80 °C.
Power input - 5 VA at 24 VDC.
Transfer switch type selection link - (3-pole or
4-pole).
The ground fault relay continuously monitors the voltage
across the neutral-to-ground bonding jumper and lights
the ground fault alarm lamp on the generator set control
when the connection is broken.
When the generator set is running, the relay continuously
monitors the line-to-neutral generator set connection and
lights the ground fault alarm lamp on the generator set
control when a ground fault condition is sensed.
Alarm condition can be cleared by pushing the reset
switch on the generator set control panel. Actual ground
fault current level can be monitored with a 0-1 mA meter,
directly from the relay. A push button test switch is
provided to simulate ground fault conditions and operate
the relay and indication circuitry. Addition of the auto-
reset link activates automatic reset of the relay after the
ground fault condition has cleared.
System schematic
Separately derived system connections (local grounding connection).
Neutral-to-ground bonding jumper must be sized per code requirements. For non-separately derived systems
(3-phase/4-wire systems with 3-pole transfer switch), the ground connection and the neutral-to-ground bonding jumper
on the generator set are removed, and the 3-pole ATS link is added to the ground fault relay. For non-separately
derived systems a label must be applied to the service entrance switchboard, indicating that removal of the equipment-
bonding jumper can cause hazardous operating conditions.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com