Electronic Components Datasheet Search
  English  ▼

X  

H550 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # H550
Description  Ground fault indication relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

H550 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  H550 Datasheet HTML 1Page - List of Unclassifed Manufacturers H550 Datasheet HTML 2Page - List of Unclassifed Manufacturers H550 Datasheet HTML 3Page - List of Unclassifed Manufacturers H550 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2007|Cummins Power Generation Inc.|All rights reserved|Specifications subject to change without notice|Cummins Power Generation
and Cummins are registered trademarks of Cummins Inc. “Our energy working for you.”, PowerCommand and Detector are trademarks of
Cummins Power Generation.
AC-160d (7/07) Page 1 of 4
Ground fault indication
relay - H550
Code requirements
Features
NFPA 70, the U.S. National Electrical Code (NEC) requires
that services of 1000 amps and larger in capacity which
operate at more than 150 volts from line-to-neutral must be
provided with ground fault equipment. Generator sets rated
at 100 amps and larger which serve as emergency power
must be provided with ground fault indication equipment.
Health care facilities that utilize ground fault protection
equipment must be provided with a coordinated multi-level
ground fault system.
Cummins Power Generation ground fault indication
equipment is designed for use in emergency/standby power
systems, for indication of ground fault conditions during
generator set operation.
Suitable for indicating a ground fault condition on a
generator set which is either locally or remotely
grounded.
Power - Operates on 24 VDC (nominal) control power -
fully functional at voltages from 18-30 VDC.
Direct connection - Suitable for direct connection to
generator sets operating at voltages up to 600 VAC (line
to line).
Ground fault current settings - 100-1200 A, in 10
discrete settings: 100, 150, 200, 250, 300, 450, 600,
750, 800, 1200 A.
Monitoring - Provides continuous monitoring of
neutral-to-ground with LED indication for open
connection.
Factory mounted controls - Available factory-
mounted and interconnected to Cummins Power
Generation Detector™ series PowerCommand
®
controls.
Link reconnection - For use with either 3-pole (solid
neutral or 4-pole (switched neutral) transfer switches.
Indicating lamps - For Relay on (green), ground fault
current over setting (red), loss of ground connection
(red).
Time delay settings - 0-1.0 seconds.
Circuit board - One-piece molded case fully potted.
Contacts - One set of form C output, rated 1100 VA,
250 VAC, 5 A continuous, 3 A breaking @ 240 VAC.
“Test” - Push-button.
“Reset” - Push-button.
Percent full scale metering output - 0-1 mA full
scale.
Bonding jumper - Sized per NEC requirements.


Similar Part No. - H550

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
H55 CONNOR-WINFIELD-H55 Datasheet
55Kb / 1P
TIGHT TOLERANCE CLOCKS
logo
Pulse A Technitrol Comp...
H551 PULSE-H551 Datasheet
261Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
H551 PULSE-H551 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
H553 PULSE-H553 Datasheet
527Kb / 2P
1000Base-T, Single Port Magnetics Modules
logo
SHANTOU HUASHAN ELECTRO...
H5551 HUASHAN-H5551 Datasheet
109Kb / 1P
NPN SILICON TRANSISTOR
More results

Similar Description - H550

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1851 NSC-LM1851 Datasheet
165Kb / 8P
Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN1851A FAIRCHILD-FAN1851A Datasheet
122Kb / 11P
Ground Fault Interrupter
logo
Unisonic Technologies
GM1851 UTC-GM1851 Datasheet
370Kb / 10P
GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
FAN4146 FAIRCHILD-FAN4146 Datasheet
595Kb / 10P
Ground Fault Interrupter
logo
Unisonic Technologies
GM1851 UTC-GM1851_15 Datasheet
370Kb / 10P
GROUND FAULT INTERRUPTER
logo
Littelfuse
PGR-4300 LITTELFUSE-PGR-4300 Datasheet
240Kb / 1P
The PGR-4300 Generator Ground-Fault Relay provides
PGR-4700 LITTELFUSE-PGR-4700 Datasheet
407Kb / 1P
The PGR-4700 Sensitive Ground-Fault Relay provides
logo
ON Semiconductor
FAN4149 ONSEMI-FAN4149 Datasheet
380Kb / 12P
Ground Fault Interrupter
July 2014 Rev. 1.0.0
FAN4147 ONSEMI-FAN4147 Datasheet
418Kb / 11P
Ground Fault Interrupter
March 2013 Rev. 1.0.1
logo
Pepperl+Fuchs Inc.
HIATB01-FAULT-01 PF-HIATB01-FAULT-01 Datasheet
938Kb / 3P
Fault Indication Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com