Electronic Components Datasheet Search
  English  ▼

X  

MUR820 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MUR820
Description  8.0 AMPS. Ultrafast Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MUR820 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MUR820 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MUR820 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 375 -
RATINGS AND CHARACTERISTIC CURVES (MUR820 THRU MUR860)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.5- TYPICAL JUNCTION CAPACITANCE
PERLEG
V REVERSE VOLTAGE. (%)
R
AMBIENT TEMPERATURE. ( C)
O
NUMBER OF CYCLES AT 60HZ
FIG.3- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG.4- TYPICSL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE. (V)
REVERSE VOLTAGE. (V)
140
150
160
170
180
0
4
8
12
1
10
0
125
100
100
75
50
25
0
0.4
0.8
1.2
2.0
0.01
10
100
1.6
0.1
1
100
0.01
1.0
10
100
1000
200
300
400
500
600
0.1
Tj=150 C
0
Tj=100 C
0
Tj=25 C
0
1
10
100
10
100
0.1
1000
Tj=25 C
f=1.0MHz
Vsig=50m Vp-p
0
MUR820
MUR840
MUR860



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com