Electronic Components Datasheet Search
  English  ▼

X  

MUR820 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MUR820
Description  8.0 AMPS. Ultrafast Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MUR820 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MUR820 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MUR820 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 374 -
.412(10.5)
MAX
.185(4.70)
.175(4.44)
.055(1.40)
.045(1.14)
.27(6.86)
.23(5.84)
.11(2.79)
.10(2.54)
.025(0.64)
.014(0.35)
.154(3.91)
.148(3.74)
DIA
PIN1
2
.113(2.87)
.103(2.62)
.16(4.06)
.14(3.56)
.037(0.94)
.027(0.68)
.205(5.20)
.195(4.95)
.594(15.1)
.587(14.9)
.56(14.22)
.53(13.46)
PIN 1
PIN 2
Case Positive
CASE
MUR820 THRU MUR860
8.0 AMPS. Ultrafast Plastic Rectifiers
Voltage Range
200 to 600 Volts
Current
8.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: to-220a molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Leads, solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
℃/10 seconds/.25”,(6.35mm) from case.
Weight: 2.24 grams
TO-220A
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
MUR820
MUR840
MUR860
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
V
Maximum RMS Voltage
VRMS
140
280
420
V
Maximum DC Blocking Voltage
VDC
200
400
600
V
Maximum Average Forward Rectified Current
.375”(9.5mm) Lead Length (See Fig. 1)
I(AV)
8.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
100
A
Maximum Instantaneous Forward Voltage
@ 8.0A
VF
0.975
1.30
1.7
V
Maximum DC Reverse Current @ TC=25
℃
at Rated DC Blocking Voltage
@ TC=150
℃
(Note 4)
IR
5.0
250
uA
uA
Maximum Reverse Recovery Time ( Note 2 )
Trr
25
50
nS
Typical Thermal Resistance (Note 3)
R
θJC
3.0
2.0
℃/W
Operating Temperature Range
TJ
-65 to +175
℃
Storage Temperature Range
TSTG
-65 to +175
℃
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4..0 Volts D.C.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
3. Thermal Resistance from Junction to Case, Mounted on Heatsink Size of 2” x 3” x 0.25”
Al-Plate.
4. Pulse lest: tp = 300 uS, Duty Cycle < 2%.


Similar Part No. - MUR820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR820 MOTOROLA-MUR820 Datasheet
150Kb / 6P
ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
logo
Intersil Corporation
MUR820 INTERSIL-MUR820 Datasheet
52Kb / 5P
8A, 200V Ultrafast Diodes
January 2000
logo
Micro Commercial Compon...
MUR820 MCC-MUR820 Datasheet
102Kb / 2P
8 Amp S uper Fast Glass Passivated R ec tif ie r 50 to 400 Volts
logo
ON Semiconductor
MUR820 ONSEMI-MUR820 Datasheet
106Kb / 8P
SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 5
logo
International Rectifier
MUR820 IRF-MUR820 Datasheet
196Kb / 8P
Ultrafast Rectifier
More results

Similar Description - MUR820

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GPA801 TSC-GPA801 Datasheet
51Kb / 2P
8.0 AMPS. Glass Passivated Rectifiers
SRAS890 TSC-SRAS890 Datasheet
90Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
logo
First Components Intern...
UF08-00 FCI-UF08-00 Datasheet
112Kb / 2P
8.0 Amp ULTRAFAST PLASTIC RECTIFIERS
logo
Taiwan Semiconductor Co...
SR802 TSC-SR802_1 Datasheet
163Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
SRA820 TSC-SRA820_1 Datasheet
255Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR820 YANGJIE-SR820 Datasheet
748Kb / 2P
8.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
GPA801 TSC-GPA801_09 Datasheet
996Kb / 2P
8.0 AMPs. Glass Passivated Rectifiers
SRA820 TSC-SRA820_09 Datasheet
218Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
SR802 TSC-SR802_10 Datasheet
567Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
8A05G DYELEC-8A05G Datasheet
644Kb / 2P
8.0 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com