Electronic Components Datasheet Search
  English  ▼

X  

R1182K151B Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R1182K151B
Description  Low Voltage 150mA LDO REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1182K151B Datasheet(HTML) 2 Page - RICOH electronics devices division

  R1182K151B Datasheet HTML 1Page - RICOH electronics devices division R1182K151B Datasheet HTML 2Page - RICOH electronics devices division R1182K151B Datasheet HTML 3Page - RICOH electronics devices division R1182K151B Datasheet HTML 4Page - RICOH electronics devices division R1182K151B Datasheet HTML 5Page - RICOH electronics devices division R1182K151B Datasheet HTML 6Page - RICOH electronics devices division R1182K151B Datasheet HTML 7Page - RICOH electronics devices division R1182K151B Datasheet HTML 8Page - RICOH electronics devices division R1182K151B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
R1182x
BLOCK DIAGRAMS
R1182xxx1B
R1182xxx1D
VDD
GND
VOUT
CE
Vref
Current Limit
VDD
GND
VOUT
CE
Vref
Current Limit
SELECTION GUIDE
The output voltage, auto discharge function*, and the package type for the ICs can be selected at the user's
request.
The selection can be made with designating the part number as shown below:
R1182xxx1x-TR-x ←Part Number
↑ ↑ ↑ ↑ ↑
a b
c
d
e
Code
Contents
a
Designation of Package Type :
N: SOT-23-5 (Mini mold)
K: PLP1616-6
b
Setting Output Voltage (VOUT) :
Stepwise setting with a step of 0.1V in the range of 1.2V to 4.0V is possible.
Exceptions 1.25V output type: R1182x121x5, 1.85V output type: R1182x181x5,
2.85V output type: R1182x281x5.
c
Designation of Mask Option
B: active high, without auto discharge function* at OFF state.
D: active high, with auto discharge function* at OFF state.
d
Designation of Taping Type :
Ex. TR (refer to Taping Specifications; TR type is the standard direction.)
e
Designation of composition of pin plating:
-F: Lead free plating (SOT-23-5)
None: Au plating (PLP1616-6)
*) When the mode is into standby with CE signal, auto discharge transistor turns on, and it makes the turn-off
speed faster than normal type.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com