Electronic Components Datasheet Search
  English  ▼

X  

R1182K151B Datasheet(PDF) 21 Page - RICOH electronics devices division

Part # R1182K151B
Description  Low Voltage 150mA LDO REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1182K151B Datasheet(HTML) 21 Page - RICOH electronics devices division

Back Button R1182K151B Datasheet HTML 15Page - RICOH electronics devices division R1182K151B Datasheet HTML 16Page - RICOH electronics devices division R1182K151B Datasheet HTML 17Page - RICOH electronics devices division R1182K151B Datasheet HTML 18Page - RICOH electronics devices division R1182K151B Datasheet HTML 19Page - RICOH electronics devices division R1182K151B Datasheet HTML 20Page - RICOH electronics devices division R1182K151B Datasheet HTML 21Page - RICOH electronics devices division R1182K151B Datasheet HTML 22Page - RICOH electronics devices division R1182K151B Datasheet HTML 23Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
PACKAGE INFORMATION
PE-PLP1616-6-0606
POWER DISSIPATION (PLP1616-6)
This specification is at mounted on board. Power Dissipation (PD) depends on conditions of mounting on board.
This specification is based on the measurement at the condition below:
(PLP1616-6 is a reference value calculated from the PLP1820-6 package.)
Measurement Conditions
Standard Land Pattern
Environment
Mounting on Board (Wind velocity=0m/s)
Board Material
Glass cloth epoxy plactic (Double sided)
Board Dimensions
40mm
× 40mm × 1.6mm
Copper Ratio
Top side : Approx. 50% , Back side : Approx. 50%
Through-hole
φ0.54mm × 30pcs
Measurement Result
(Topt=25
°C,Tjmax=125°C)
Standard Land Pattern
Power Dissipation
560mW
Thermal Resistance
θja=(125−25°C)/0.56W=179°C/W
0
50
100
25
75 85
125
150
Ambient Temperature (
°C)
0
200
100
300
400
560
500
On Board
600
40
Measurement Board Pattern
Power Dissipation
IC Mount Area Unit : mm
RECOMMENDED LAND PATTERN
0.35
0.225
0.125
0.90
0.50
0.25
(Unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com