Electronic Components Datasheet Search
  English  ▼

X  

24C02 Datasheet(PDF) 4 Page - SYC Electronica

Part # 24C02
Description  SERIAL 2K (256 x 8) EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

24C02 Datasheet(HTML) 4 Page - SYC Electronica

  24C02 Datasheet HTML 1Page - SYC Electronica 24C02 Datasheet HTML 2Page - SYC Electronica 24C02 Datasheet HTML 3Page - SYC Electronica 24C02 Datasheet HTML 4Page - SYC Electronica 24C02 Datasheet HTML 5Page - SYC Electronica 24C02 Datasheet HTML 6Page - SYC Electronica 24C02 Datasheet HTML 7Page - SYC Electronica 24C02 Datasheet HTML 8Page - SYC Electronica 24C02 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AI01100
VCC
CBUS
SDA
RL
MASTER
RL
SCL
CBUS
100
200
300
400
0
4
8
12
16
20
CBUS (pF)
VCC = 5V
Figure 3. Maximum RL Value versus Bus Capacitance (CBUS) for an I2C Bus
The devices with this Write Control feature no
longer support the Multibyte Write mode of opera-
tion, however all other write modes are fully sup-
ported.
Refer to the AN404 Application Note for more de-
tailed information about Write Control feature.
DEVICE OPERATION
I2C Bus Background
The ST24/25x02 support the I2C protocol. This
protocol defines any device that sends data onto
the bus as a transmitter and any device that reads
the data as a receiver. The device that controls the
data transfer is known as the master and the other
as the slave. The master will always initiate a data
transfer and will provide the serial clock for syn-
chronisation. The ST24/25x02 are always slave
devices in all communications.
Start Condition. START is identified by a high to
low transition of the SDA line while the clock SCL
is stable in the high state. A START condition must
precede any command for data transfer. Except
during a programming cycle, the ST24/25x02 con-
tinuously monitor the SDA and SCL signals for a
START condition and will not respond unless one
is given.
Stop Condition. STOP is identified by a low to high
transition of the SDA line while the clock SCL is
stable in the high state. A STOP condition termi-
nates communication between the ST24/25x02
and the bus master. A STOP condition at the end
of a Read command, after and only after a No
Acknowledge, forces the standby state. A STOP
condition at the end of a Write command triggers
the internal EEPROM write cycle.
Acknowledge Bit (ACK). An acknowledge signal
is used to indicate a successfull data transfer. The
bus transmitter, either master or slave, will release
the SDA bus after sending 8 bits of data. During the
9th clock pulse period the receiver pulls the SDA
bus low to acknowledge the receipt of the 8 bits of
data.
Data Input. During data input the ST24/25x02
sample the SDA bus signal on the rising edge of
the clock SCL. Note that for correct device opera-
tion the SDA signal must be stable during the clock
low to high transition and the data must change
ONLY when the SCL line is low.
Memory Addressing. To start communication be-
tween the bus master and the slave ST24/25x02,
the master must initiate a START condition. Follow-
ing this, the master sends onto the SDA bus line 8
bits (MSB first) corresponding to the device select
code (7 bits) and a READ or WRITE bit.
SIGNAL DESCRIPTIONS (cont’d)
4/16
ST24/25C02, ST24C02R, ST24/25W02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com