Electronic Components Datasheet Search
  English  ▼

X  

24C02 Datasheet(PDF) 8 Page - SYC Electronica

Part # 24C02
Description  SERIAL 2K (256 x 8) EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

24C02 Datasheet(HTML) 8 Page - SYC Electronica

Back Button 24C02 Datasheet HTML 4Page - SYC Electronica 24C02 Datasheet HTML 5Page - SYC Electronica 24C02 Datasheet HTML 6Page - SYC Electronica 24C02 Datasheet HTML 7Page - SYC Electronica 24C02 Datasheet HTML 8Page - SYC Electronica 24C02 Datasheet HTML 9Page - SYC Electronica 24C02 Datasheet HTML 10Page - SYC Electronica 24C02 Datasheet HTML 11Page - SYC Electronica 24C02 Datasheet HTML 12Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SCL
SDA
SCL
SDA
SDA
START
CONDITION
SDA
INPUT
SDA
CHANGE
AI00792
STOP
CONDITION
1
23
7
89
MSB
ACK
START
CONDITION
SCL
1
23
7
89
MSB
ACK
STOP
CONDITION
Figure 6. I2C Bus Protocol
Write Operations
The Multibyte Write mode (only available on the
ST24/25C02 and ST24C02R versions) is selected
when the MODE pin is at VIH and the Page Write
mode when MODE pin is at VIL. The MODE pin may
be driven dynamically with CMOS input levels.
Following a START condition the master sends a
device select code with the RW bit reset to ’0’. The
memory acknowledges this and waits for a byte
address. The byte address of 8 bits provides ac-
cess to 256 bytes of the memory. After receipt of
the byte address the device again responds with
an acknowledge.
For the ST24/25W02 versions, any write command
with WC = 1 will not modify the memory content.
Byte Write. In the Byte Write mode the master
sends one data byte, which is acknowledged by the
memory. The master then terminates the transfer
by generating a STOP condition. The Write mode
is independant of the state of the MODE pin which
could be left floating if only this mode was to be
used. However it is not a recommended operating
mode, as this pin has to be connected to either VIH
or VIL, to minimize the stand-by current.
8/16
ST24/25C02, ST24C02R, ST24/25W02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com