Electronic Components Datasheet Search
  English  ▼

X  

ST24C02R Datasheet(PDF) 5 Page - SYC Electronica

Part # ST24C02R
Description  SERIAL 2K (256 x 8) EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ST24C02R Datasheet(HTML) 5 Page - SYC Electronica

  ST24C02R Datasheet HTML 1Page - SYC Electronica ST24C02R Datasheet HTML 2Page - SYC Electronica ST24C02R Datasheet HTML 3Page - SYC Electronica ST24C02R Datasheet HTML 4Page - SYC Electronica ST24C02R Datasheet HTML 5Page - SYC Electronica ST24C02R Datasheet HTML 6Page - SYC Electronica ST24C02R Datasheet HTML 7Page - SYC Electronica ST24C02R Datasheet HTML 8Page - SYC Electronica ST24C02R Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance (SDA)
8
pF
CIN
Input Capacitance (other pins)
6
pF
ZWCL
WC Input Impedance (ST24/25W02)
VIN
≤ 0.3 VCC
520
k
Ω
ZWCH
WC Input Impedance (ST24/25W02)
VIN
≥ 0.7 VCC
500
k
Ω
tLP
Low-pass filter input time constant
(SDA and SCL)
100
ns
Note: 1. Sampled only, not 100% tested.
Table 5. Input Parameters (1) (TA = 25
°C, f = 100 kHz )
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±2
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
SDA in Hi-Z
±2
µA
ICC
Supply Current (ST24 series)
VCC = 5V, fC = 100kHz
(Rise/Fall time < 10ns)
2mA
Supply Current (ST25 series)
VCC = 2.5V, fC = 100kHz
1
mA
ICC1
Supply Current (Standby)
(ST24 series)
VIN = VSS or VCC,
VCC = 5V
100
µA
VIN = VSS or VCC,
VCC = 5V, fC = 100kHz
300
µA
ICC2
Supply Current (Standby)
(ST25 series)
VIN = VSS or VCC,
VCC = 2.5V
5
µA
VIN = VSS or VCC,
VCC = 2.5V, fC = 100kHz
50
µA
ICC3
Supply Current (Standby)
(ST24C02R)
VIN = VSS or VCC,
VCC = 3.6V
20
µA
VIN = VSS or VCC,
VCC = 3.6V, fC = 100kHz
60
µA
ICC4
Supply Current (Standby)
(ST24C02R)
VIN = VSS or VCC,
VCC = 1.8V
10
µA
VIN = VSS or VCC,
VCC = 1.8V, fC = 100kHz
20
µA
VIL
Input Low Voltage (SCL, SDA)
–0.3
0.3 VCC
V
VIH
Input High Voltage (SCL, SDA)
0.7 VCC
VCC + 1
V
VIL
Input Low Voltage
(E0-E2, MODE, WC)
–0.3
0.5
V
VIH
Input High Voltage
(E0-E2, MODE, WC)
VCC – 0.5
VCC + 1
V
VOL
Output Low Voltage (ST24 series)
IOL = 3mA, VCC = 5V
0.4
V
Output Low Voltage (ST25 series)
IOL = 2.1mA, VCC = 2.5V
0.4
V
Output Low Voltage
(ST24C02R)
IOL = 1mA, VCC = 1.8V
0.3
V
Table 6. DC Characteristics
(TA = 0 to 70
°C, –20 to 85°C or –40 to 85°C; VCC = 3V to 5.5V, 2.5V to 5.5V or 1.8V to 5.5V)
5/16
ST24/25C02, ST24C02R, ST24/25W02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com