Electronic Components Datasheet Search
  English  ▼

X  

ST24C02R Datasheet(PDF) 9 Page - SYC Electronica

Part # ST24C02R
Description  SERIAL 2K (256 x 8) EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ST24C02R Datasheet(HTML) 9 Page - SYC Electronica

Back Button ST24C02R Datasheet HTML 5Page - SYC Electronica ST24C02R Datasheet HTML 6Page - SYC Electronica ST24C02R Datasheet HTML 7Page - SYC Electronica ST24C02R Datasheet HTML 8Page - SYC Electronica ST24C02R Datasheet HTML 9Page - SYC Electronica ST24C02R Datasheet HTML 10Page - SYC Electronica ST24C02R Datasheet HTML 11Page - SYC Electronica ST24C02R Datasheet HTML 12Page - SYC Electronica ST24C02R Datasheet HTML 13Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Multibyte Write. For the Multibyte Write mode, the
MODE pin must be at VIH. The Multibyte Write
mode can be started from any address in the
memory. The master sends from one up to 4 bytes
of data, which are each acknowledged by the mem-
ory. The transfer is terminated by the master gen-
erating a STOP condition. The duration of the write
cycle is tW = 10ms maximum except when bytes
are accessed on 2 rows (that is have different
values for the 6 most significant address bits A7-
A2), the programming time is then doubled to a
maximum of 20ms. Writing more than 4 bytes in the
Multibyte Write mode may modify data bytes in an
adjacent row (one row is 8 bytes long). However,
the Multibyte Write can properly write up to 8
consecutive bytes only if the first address of these
8 bytes is the first address of the row, the 7 following
bytes being written in the 7 following bytes of this
same row.
Page Write. For the Page Write mode, the MODE
pin must be at VIL. The Page Write mode allows up
to 8 bytes to be written in a single write cycle,
provided that they are all located in the same ’row’
in the memory: that is the 5 most significant mem-
ory address bits (A7-A3) are the same. The master
sends from one up to 8 bytes of data, which are
each acknowledged by the memory. After each
byte is transfered, the internal byte address counter
(3 least significant bits only) is incremented. The
transfer is terminated by the master generating a
STOP condition. Care must be taken to avoid ad-
dress counter ’roll-over’ which could result in data
being overwritten. Note that, for any write mode,
the generation by the master of the STOP condition
starts the internal memory program cycle. All inputs
are disabled until the completion of this cycle and
the memory will not respond to any request.
WRITE Cycle
in Progress
AI01099B
Next
Operation is
Addressing the
Memory
START Condition
DEVICE SELECT
with RW = 0
ACK
Returned
YES
NO
YES
NO
ReSTART
STOP
Proceed
WRITE Operation
Proceed
Random Address
READ Operation
Send
Byte Address
First byte of instruction
with RW = 0 already
decoded by ST24xxx
Figure 7. Write Cycle Polling using ACK
9/16
ST24/25C02, ST24C02R, ST24/25W02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com