Electronic Components Datasheet Search
  English  ▼

X  

26LS31 Datasheet(PDF) 2 Page - SYC Electronica

Part # 26LS31
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

26LS31 Datasheet(HTML) 2 Page - SYC Electronica

  26LS31 Datasheet HTML 1Page - SYC Electronica 26LS31 Datasheet HTML 2Page - SYC Electronica 26LS31 Datasheet HTML 3Page - SYC Electronica 26LS31 Datasheet HTML 4Page - SYC Electronica 26LS31 Datasheet HTML 5Page - SYC Electronica 26LS31 Datasheet HTML 6Page - SYC Electronica 26LS31 Datasheet HTML 7Page - SYC Electronica 26LS31 Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AM26LS31C
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS114D – JANUARY 1979 – REVISED OCTOBER 1998
logic symbol†
4
G
12
1Y
2
1Z
3
1
1A
≥1
EN
2Y
6
2Z
5
7
2A
3Y
10
3Z
11
9
3A
4Y
14
4Z
13
15
4A
G
logic diagram (positive logic)
1Z
1Y
G
G
1A
4
12
1
2
3
2Z
2Y
2A
7
6
5
3Z
3Y
3A
9
10
11
4Z
4Y
4A
15
14
13



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com