Electronic Components Datasheet Search
  English  ▼

X  

26LS31 Datasheet(PDF) 1 Page - SYC Electronica

Part # 26LS31
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

26LS31 Datasheet(HTML) 1 Page - SYC Electronica

  26LS31 Datasheet HTML 1Page - SYC Electronica 26LS31 Datasheet HTML 2Page - SYC Electronica 26LS31 Datasheet HTML 3Page - SYC Electronica 26LS31 Datasheet HTML 4Page - SYC Electronica 26LS31 Datasheet HTML 5Page - SYC Electronica 26LS31 Datasheet HTML 6Page - SYC Electronica 26LS31 Datasheet HTML 7Page - SYC Electronica 26LS31 Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AM26LS31C
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS114D – JANUARY 1979 – REVISED OCTOBER 1998
D Meets or Exceeds the Requirements of
ANSI TIA/EIA-422-B and ITU
Recommendation V.11
D Operates From a Single 5-V Supply
D TTL Compatible
D Complementary Outputs
D High Output Impedance in Power-Off
Conditions
D Complementary Output-Enable Inputs
description
The AM26LS31C is a quadruple complementary-output line driver designed to meet the requirements of
ANSI TIA/EIA-422-B and ITU (formerly CCITT) Recommendation V.11. The 3-state outputs have high-current
capability for driving balanced lines such as twisted-pair or parallel-wire transmission lines, and they provide
a high-impedance state in the power-off condition. The enable function is common to all four drivers and offers
the choice of an active-high or active-low enable (G, G) input. Low-power Schottky circuitry reduces power
consumption without sacrificing speed.
The AM26LS31C is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each driver)
INPUT
ENABLES
OUTPUTS
A
G
G
Y
Z
H
H
X
H
L
L
H
XL
H
H
X
LH
L
L
X
LL
H
X
L
H
Z
Z
H = high level, L = low level, X = irrelevant,
Z = high impedance (off)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
D OR N PACKAGE
(TOP VIEW)


Similar Part No. - 26LS31

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
26LS31 MOTOROLA-26LS31 Datasheet
77Kb / 4P
Quad Line Driver with NAND Enabled Three-State Outputs
logo
National Semiconductor ...
26LS31 NSC-26LS31 Datasheet
226Kb / 8P
Quad High Speed Differential Line Driver
logo
Texas Instruments
26LS31 TI-26LS31 Datasheet
146Kb / 9P
QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED OCTOBER 1998
26LS31 TI-26LS31 Datasheet
1Mb / 22P
QUADRUPLE DIFFERENTIAL LINE DRIVER
logo
SYC Electronica
26LS31-SMD SYC-26LS31-SMD Datasheet
941Kb / 20P
QUADRUPLE DIFFERENTIAL LINE DRIVER
More results

Similar Description - 26LS31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
QUADRUPLE DIFFERENTIAL LINE DRIVER
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
Quadruple Differential Line Driver
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
Quadruple Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com