Electronic Components Datasheet Search
  English  ▼

X  

450-24HTPLJ Datasheet(PDF) 3 Page - KG Technologies, Inc.

Part # 450-24HTPLJ
Description  HIGH VOLTAGE DC RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.

450-24HTPLJ Datasheet(HTML) 3 Page - KG Technologies, Inc.

  450-24HTPLJ Datasheet HTML 1Page - KG Technologies, Inc. 450-24HTPLJ Datasheet HTML 2Page - KG Technologies, Inc. 450-24HTPLJ Datasheet HTML 3Page - KG Technologies, Inc. 450-24HTPLJ Datasheet HTML 4Page - KG Technologies, Inc. 450-24HTPLJ Datasheet HTML 5Page - KG Technologies, Inc. 450-24HTPLJ Datasheet HTML 6Page - KG Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KG Technologies Inc.
Phone: +1.888.513.1874
Email: info@kgtechnologies.net
Web: www.kgtechnologies.net
HFE80V-40_EN Rev 1.0
3
A
Ordering Information
HFE80 V - 40 /450 -■ - H - T ■ ■ ■ J
X
Type
Application
V : Vehicle
Series Code
40 : 40A
Load Voltage
450 : 450Vdc
Coil Voltage
12 : 12Vdc
24 : 24 Vdc
48 : 48Vdc
Contact Type
H : 1 Form A
Contact Material
T : AgSnO2
Coil Terminal
Q : Quick Connect Terminal
P : PCB Terminal
Load Terminal
2 : Quick Connect Terminal
Nil : PCB Terminal
Shell Mechanism
A : No mounting flange
Nil : Standard mounting flange
B : B type Mounting flange
L : L type mounting flange
Mounting Feature
J : The pedestal without plastic mounting flange
Special Code
X : Customer Customization
Dimensional Drawings
(Unit: mm)
HFE80V-40/XXX-XX-HTQ2J



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com